Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75124D Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75124D
Description  TRIPLE LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75124D Datasheet(HTML) 2 Page - Texas Instruments

  SN75124D Datasheet HTML 1Page - Texas Instruments SN75124D Datasheet HTML 2Page - Texas Instruments SN75124D Datasheet HTML 3Page - Texas Instruments SN75124D Datasheet HTML 4Page - Texas Instruments SN75124D Datasheet HTML 5Page - Texas Instruments SN75124D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN75124
TRIPLE LINE RECEIVER
SLLS058B – SEPTEMBER 1973 – REVISED MAY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
2Y
15
12
11
10
6
5
4
3
2
1
14
3Y
1Y
9
7
13
3A
3S
3R
2B
2A
2S
2R
1B
1A
1S
1R
≥ 1
&
&
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
≥ 1
logic diagram (positive logic)
3A
3S
3R
2B
2A
2S
2R
1B
1A
1S
1R
9
7
13
1Y
2Y
3Y
12
11
10
6
5
4
3
2
1
15
14
schematic (each receiver)
58
13, 7, 9
Y
800
4 k
4 k
A
B‡
1, 5, 12
2, 6
S
15, 4, 11
16
VCC
14, 3, 10
R
8
GND
...VCC bus
To Other
Receivers
V
V
V
V
To Other
Receivers
‡ B input is provided on receivers 1 and 2 only
Resistor values shown are nominal.


Similar Part No. - SN75124D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124D TI1-SN75124D Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
More results

Similar Description - SN75124D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com