Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75146D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75146D
Description  DUAL DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75146D Datasheet(HTML) 3 Page - Texas Instruments

  SN75146D Datasheet HTML 1Page - Texas Instruments SN75146D Datasheet HTML 2Page - Texas Instruments SN75146D Datasheet HTML 3Page - Texas Instruments SN75146D Datasheet HTML 4Page - Texas Instruments SN75146D Datasheet HTML 5Page - Texas Instruments SN75146D Datasheet HTML 6Page - Texas Instruments SN75146D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75146
DUAL DIFFERENTIAL LINE RECEIVER
SLLS015B – FEBRUARY 1986 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage, common-mode input
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT
Threshold input voltage (VIT and VIT )
– 0.2‡
0.2
V
VIT
Threshold input voltage (VIT + and VIT –)
See Note 3
– 0.4‡
0.4
V
Vhys
Hysteresis (VIT + – VIT –)
70
mV
VIB
Input bias voltage
II = 0
2
2.4
V
VOH
High-level output voltage
VID = 0.2 V,
IO = – 1 mA
2.5
3.5
V
VOL
Low-level output voltage
VID = – 0.2 V,
IO = 20 mA
0.35
0.5
V
ri
Input resistance
VI = 3 V to 25 V or VI = – 3 V to – 25 V,
6
78
10 5
k
ri
Input resistance
II
,
See Note 4
6
7.8
10.5
k
II
Input current
VCC = 0 to 5.5 V,
VI = 10 V
1.1
3.25
mA
II
Input current
CC
,
See Note 5
VI = – 10 V
– 1.6
– 3.25
mA
IOS
Short-circuit output current§
VO = 0,
VID = 0.2 V
–40
–75
– 100
mA
ICC
Supply current
VID = – 0.5 V,
No load
35
50
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels
only.
§ Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
NOTES:
3. The expanded threshold parameter is tested with a 500-
Ω resistor in series with each input.
4. ri is defined by ∆VI/∆II.
5. The input not under test is grounded.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL =30 pF
See Figure 1
100
150
300
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 30 pF,
See Figure 1
100
150
300
ns
PARAMETER MEASUREMENT INFORMATION
VCC +
Output
VCC +
392
3.92 k
CL = 30 pF
(see Note A)
Input
51
TEST CIRCUIT
VOLTAGE WAVEFORMS
0.5 V
Input
50%
50%
(see Note B)
– 0.5 V
tPHL
tPLH
VOH
VOL
1.5 V
1.5 V
Output
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 300 kHz,
duty cycle = 50%.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75146D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140D TI1-SN75140D Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140DR TI1-SN75140DR Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140JG TI1-SN75140JG Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
More results

Similar Description - SN75146D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75157 TI-SN75157 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
   Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
   Dual Differential Line Receiver
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com