Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTH8F-681K Datasheet(PDF) 1 Page - Central Technologies

Part # CTH8F-681K
Description  Power Line Chokes - Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH8F-681K Datasheet(HTML) 1 Page - Central Technologies

  CTH8F-681K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Line Chokes - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.16.06
Size
A
B
C
20 AWG
Max.
Max.
Typ.
Nom.
mm
23.4
11.9
29.2
0.813
inches
0.92
0.47
1.15
0.03
PHYSICAL DIMENSIONS
A
CTH8F-XXXX
B
C
20 AWG
L Test
SRF
DCR
Saturation
Rated
Part
Inductance
Freq.
Min.
Max.
DC
AC
Number
(µH)
(kHz)
(MHz)
(
Ω
Ω)
(A)
(A)
CTH8F-3R9K
3.9
1.0
34
.01
15
4.0
CTH8F-4R7K
4.7
1.0
31
.01
14
4.0
CTH8F-5R6K
5.6
1.0
29
.01
12
4.0
CTH8F-6R8K
6.8
1.0
26
.01
11
4.0
CTH8F-8R2K
8.2
1.0
23
.01
9.9
4.0
CTH8F-100K
10
1.0
20
.02
8.7
4.0
CTH8F-120K
12
1.0
17
.02
8.2
4.0
CTH8F-150K
15
1.0
14
.02
7.3
4.0
CTH8F-180K
18
1.0
11
.02
6.6
4.0
CTH8F-220K
22
1.0
10
.03
6.1
4.0
CTH8F-270K
27
1.0
9.0
.03
5.3
4.0
CTH8F-330K
33
1.0
9.0
.03
4.8
4.0
CTH8F-390K
39
1.0
8.0
.03
4.3
4.0
CTH8F-470K
47
1.0
7.0
.04
4.0
4.0
CTH8F-560K
56
1.0
6.0
.04
3.6
3.2
CTH8F-680K
68
1.0
5.0
.05
3.3
2.5
CTH8F-820K
82
1.0
4.0
.06
3.1
2.0
CTH8F-101K
100
1.0
3.0
.09
2.8
1.6
CTH8F-121K
120
1.0
3.0
.11
2.5
1.6
CTH8F-151K
150
1.0
3.0
.13
2.2
1.6
CTH8F-181K
180
1.0
2.0
.15
2.0
1.6
CTH8F-221K
220
1.0
2.0
.16
1.9
1.6
CTH8F-271K
270
1.0
2.0
.21
1.6
1.6
CTH8F-331K
330
1.0
2.0
.21
1.5
1.6
CTH8F-391K
390
1.0
2.0
.28
1.4
1.6
CTH8F-471K
470
1.0
1.0
.38
1.2
1.2
CTH8F-561K
560
1.0
1.0
.42
1.2
1.0
CTH8F-681K
680
1.0
1.0
.55
1.0
1.0
CTH8F-821K
820
1.0
1.0
.66
.97
.80
CTH8F-102K
1000
1.0
1.0
.84
.87
.80
CTH8F-122K
1200
1.0
1.0
1.0
.79
.60
CTH8F-152K
1500
1.0
.75
1.2
.70
.60
CTH8F-182K
1800
1.0
.72
1.6
.64
.60
CTH8F-222K
2200
1.0
.70
2.0
.58
.50
CTH8F-272K
2700
1.0
.65
2.1
.53
.40
CTH8F-332K
3300
1.0
.60
2.6
.47
.40
CTH8F-392K
3900
1.0
.55
2.8
.43
.40
CTH8F-472K
4700
1.0
.50
3.2
.39
.40
CTH8F-562K
5600
1.0
.40
3.9
.36
.32
CTH8F-682K
6800
1.0
.35
5.7
.32
.25
CTH8F-822K
8200
1.0
.30
6.3
.29
.25
CTH8F-103K
10000
1.0
.30
7.3
.26
.25
CTH8F-123K
12000
1.0
.30
10
.26
.16
CTH8F-153K
15000
1.0
.30
11
.23
.16
CTH8F-183K
18000
1.0
.20
15
.21
.13
CTH8F-223K
22000
1.0
.20
17
.19
.13
CTH8F-273K
27000
1.0
.15
19
.17
.13
CTH8F-333K
33000
1.0
.15
27
.15
.10
CTH8F-393K
39000
1.0
.15
29
.14
.10
CTH8F-473K
47000
1.0
.10
32
.13
.10
CTH8F-563K
56000
1.0
.10
43
.12
.08
CTH8F-683K
68000
1.0
.10
47
.11
.08
CTH8F-823K
82000
1.0
.10
65
.10
.07
CTH8F-104K
100000
1.0
.10
72
.10
.07
CTH8F Series
From 3.9 µH to 100,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded power line inductor (UL sleeved)
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters. Various applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack standard, Tape & Reel available. Lead
length (dimension C) is 15mm max. for parts packaged tape &
reel.
Marking: Coils are sleeved in heat resistant polyolefin and
labeled with the part number
Saturation Current: Lowers inductance by 5%
Bobbin: High saturation, allows for high inductance with low
DC resistance
Miscellaneous: RoHS Compliant. Higher current parts available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #3
RoHS
Compliant
SPECIFICATIONS
Part numbers indicate tolerance available..
K = ±10%


Similar Part No. - CTH8F-681K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH8003PS-T52 CTMICRO-CTH8003PS-T52 Datasheet
768Kb / 11P
   P-Channel Enhancement MOSFET
logo
PANDUIT CORP.
CTH87U22-C30 PANDUIT-CTH87U22-C30 Datasheet
112Kb / 1P
   Corrugated Tubing Holder with Push Mount
logo
Central Technologies
CTH8HCF CT-CTH8HCF Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH8HCF-100K CT-CTH8HCF-100K Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH8HCF-101K CT-CTH8HCF-101K Datasheet
91Kb / 1P
   Power Line Chokes - Axial
More results

Similar Description - CTH8F-681K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH7F CT-CTH7F Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH7VF CT-CTH7VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH8HCF CT-CTH8HCF Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH6F CT-CTH6F Datasheet
162Kb / 1P
   Power Line Chokes - Axial
CTH9F CT-CTH9F Datasheet
167Kb / 1P
   Power Line Chokes - Axial
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com