Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALN1951BT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1951BT
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1951BT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1951BT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1951BT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1951BT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1951BT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
November 2008
plerowTM ALN1951BT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-23.24
-16.30
15.57
0.18
0.855
16.47
31.68
38
4.6
-23.44
-16.36
15.58
0.18
0.866
16.63
31.84
40
4.7
-23.51
-16.42
15.61
0.18
0.876
16.81
31.91
41
4.8
-23.65
-16.45
15.60
0.19
0.878
16.93
31.98
43
4.9
-23.69
-16.52
15.61
0.17
0.879
17.08
32.02
44
5.0
-23.73
-16.52
15.63
0.18
0.885
17.26
32.03
46
5.1
-23.82
-16.59
15.65
0.18
0.898
17.41
32.03
48
5.2
-23.82
-16.57
15.65
0.18
0.882
17.53
32.08
50
5.3
-23.88
-16.62
15.67
0.17
0.886
17.68
32.09
51
5.4
-23.89
-16.62
15.66
0.19
0.888
17.88
32.15
53
5.5
-23.93
-16.65
15.67
0.17
0.881
18.08
32.18
54
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
°C
-24.94
-16.60
16.02
0.15
0.567
17.47
33.08
44
- 20
°C
-25.24
-16.87
15.92
0.15
0.632
17.48
32.57
45
0
°C
-24.48
-16.73
15.81
0.16
0.739
17.35
32.33
46
25
°C
-23.66
-16.80
15.63
0.23
0.900
17.42
32.01
46
40
°C
-23.22
-16.55
15.59
0.17
0.930
17.31
31.69
46
60
°C
-22.77
-16.34
15.46
0.15
0.993
17.26
31.42
46
80
°C
-22.10
-16.04
15.35
0.17
1.135
17.24
31.22
46
100
°C
-21.60
-15.82
15.23
0.17
1.251
17.18
31.28
46
RF Performance with Voltage Change
RF Performance with Operating Temperature


Similar Part No. - ALN1951BT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1951BT ASB-ALN1951BT Datasheet
361Kb / 4P
   Internally Matched LNA Module
June 2017
ALN1951BT ASB-ALN1951BT_13 Datasheet
729Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1951BT ASB-ALN1951BT_17 Datasheet
361Kb / 4P
   Internally Matched LNA Module
June 2017
More results

Similar Description - ALN1951BT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com