Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTH6VF-560K Datasheet(PDF) 1 Page - Central Technologies

Part # CTH6VF-560K
Description  Power Line Chokes - Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH6VF-560K Datasheet(HTML) 1 Page - Central Technologies

  CTH6VF-560K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
Parts are marked to indicate tolerance available.
Please specify - CTH6EF for Epoxy or CTH6VF for Varnish
Power Line Chokes - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.27.05
Green Epoxy Coated
Size
A
B
C
24 AWG
Max.
Max.
Typ.
Nom.
mm
12.7
4.06
25.4
0.511
inches
0.5
0.16
1
0.02
PHYSICAL DIMENSIONS
PHYSICAL DIMENSIONS
Clear Varnish Coated
Size
A
B
C
24 AWG
Max.
Max.
Typ.
Nom.
mm
10
3.5
28
0.511
inches
0.4
0.14
1.1
0.02
L Test
SRF
DCR
Rated
Part
Inductance
Freq.
Min.
Max.
Incr
DC
Number
(µH)
(_Hz)
(MHz)
(
Ω)
(mA)
(mA)
CTH6_ F-1R0K
1.0
7.9M
190
.02
3000
3300
CTH6_ F-1R2K
1.2
7.9M
170
.02
2700
3200
CTH6_ F-1R5K
1.5
7.9M
160
.02
2500
3100
CTH6_ F-1R8K
1.8
7.9M
150
.02
2100
2900
CTH6_ F-2R2K
2.2
7.9M
130
.03
2000
2600
CTH6_ F-2R7K
2.7
7.9M
120
.03
1900
2500
CTH6_ F-3R3K
3.3
7.9M
110
.05
1700
1900
CTH6_ F-3R9K
3.9
7.9M
100
.06
1500
1800
CTH6_ F-4R7K
4.7
7.9M
86
.07
1400
1700
CTH6_ F-5R6K
5.6
7.9M
64
.07
1300
1600
CTH6_ F-6R8K
6.8
7.9M
44
.08
1200
1600
CTH6_ F-8R2K
8.2
7.9M
32
.09
1100
1500
CTH6_ F-100K
10
1.0k
25
.10
970
1500
CTH6_ F-120K
12
1.0k
17
.11
880
1400
CTH6_ F-150K
15
1.0k
13
.15
790
1200
CTH6_ F-180K
18
1.0k
10
.16
710
1100
CTH6_ F-220K
22
1.0k
8.4
.19
640
1000
CTH6_ F-270K
27
1.0k
8.0
.22
580
950
CTH6_ F-330K
33
1.0k
7.6
.24
530
910
CTH6_ F-390K
39
1.0k
7.1
.26
480
880
CTH6_ F-470K
47
1.0k
6.0
.35
430
760
CTH6_ F-560K
56
1.0k
5.8
.47
400
650
CTH6_ F-680K
68
1.0k
4.3
.53
370
610
CTH6_ F-820K
82
1.0k
4.1
.60
330
580
CTH6_ F-101K
100
1.0k
3.9
.67
300
550
CTH6_ F-121K
120
1.0k
3.9
.90
270
470
CTH6_ F-151K
150
1.0k
3.2
1.2
250
410
CTH6_ F-181K
180
1.0k
2.8
1.4
220
380
CTH6_ F-221K
220
1.0k
2.3
1.9
200
320
CTH6_ F-271K
270
1.0k
2.1
2.1
180
310
CTH6_ F-331K
330
1.0k
1.9
2.4
170
290
CTH6_ F-391K
390
1.0k
1.7
3.0
150
260
CTH6_ F-471K
470
1.0k
1.4
3.4
140
240
CTH6_ F-561K
560
1.0k
1.3
4.7
130
210
CTH6_ F-681K
680
1.0k
1.2
6.4
110
180
CTH6_ F-821K
820
1.0k
1.1
7.1
100
170
CTH6_ F-102K
1000
1.0k
1.0
7.9
95
160
CTH6_ F-122K
1200
1.0k
.94
9.0
87
150
CTH6_ F-152K
1500
1.0k
.76
12
78
130
CTH6_ F-182K
1800
1.0k
.72
14
71
120
CTH6_ F-222K
2200
1.0k
.64
19
64
100
CTH6_ F-272K
2700
1.0k
.56
25
58
90
CTH6_ F-332K
3300
1.0k
.53
29
52
83
CTH6_ F-392K
3900
1.0k
.48
34
48
77
CTH6_ F-472K
4700
1.0k
.45
37
44
74
CTH6_ F-562K
5600
1.0k
.40
50
40
63
CTH6_ F-682K
6800
1.0k
.36
58
36
59
CTH6_ F-822K
8200
1.0k
.29
68
33
54
CTH6_ F-103K
10000
1.0k
.27
75
30
52
CTH6F Series (Miniature)
From 1.0 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Miniature axial leaded power line inductor
Applications: Step up or step down switching regulators,
continuous voltage supplies, high voltage, line filtering, surge
suppression, SCR and Triac controls and various applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency
Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded with inductance code
Incremental Current: Incremental (Incr) current is the minimum
current at which the inductance will be decrease by 5%
Coated: Clear varnish coating or green epoxy conformal coating
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTH6VF-560K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH6106PS-T52 CTMICRO-CTH6106PS-T52 Datasheet
2Mb / 11P
   P-Channel Enhancement MOSFET
CTH6203NS-T52 CTMICRO-CTH6203NS-T52 Datasheet
818Kb / 11P
   N-Channel Enhancement MOSFET
CTH6203PS-T52 CTMICRO-CTH6203PS-T52 Datasheet
831Kb / 11P
   P-Channel Enhancement MOSFET
logo
PANDUIT CORP.
CTH62U17-C30 PANDUIT-CTH62U17-C30 Datasheet
112Kb / 1P
   Corrugated Tubing Holder with Push Mount
logo
CT Micro International ...
CTH6402NS-T52 CTMICRO-CTH6402NS-T52 Datasheet
799Kb / 11P
   N-Channel Enhancement MOSFET
More results

Similar Description - CTH6VF-560K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH7F CT-CTH7F Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH7VF CT-CTH7VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH8F CT-CTH8F Datasheet
176Kb / 1P
   Power Line Chokes - Axial
CTH8HCF CT-CTH8HCF Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH9F CT-CTH9F Datasheet
167Kb / 1P
   Power Line Chokes - Axial
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com