Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTHC1812-391K Datasheet(PDF) 1 Page - Central Technologies

Part # CTHC1812-391K
Description  Wire-wound Chip Inductors - Molded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHC1812-391K Datasheet(HTML) 1 Page - Central Technologies

  CTHC1812-391K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Molded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.31.07
Size
A
B
C
D
E
mm
4.5±0.3
3.2±0.2
3.2±0.2
1.4±0.4
0.9±0.2
inches
0.18±0.012
0.12±0.001
0.12±0.001
0.06±0.016
0.04±0.001
PHYSICAL DIMENSIONS
Central Tech
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω))
(mA)
CTHC1812_-1R0K
1.0
7.96
10
7.96
200
.11
1050
CTHC1812_-1R2K
1.2
7.96
10
7.96
160
.12
1000
CTHC1812_-1R5K
1.5
7.96
10
7.96
130
.15
950
CTHC1812_-1R8K
1.8
7.96
10
7.96
100
.16
900
CTHC1812_-2R2K
2.2
7.96
10
7.96
80
.18
850
CTHC1812_-2R7K
2.7
7.96
10
7.96
60
.20
800
CTHC1812_-3R3K
3.3
7.96
10
7.96
45
.22
750
CTHC1812_-3R9K
3.9
7.96
10
7.96
40
.24
700
CTHC1812_-4R7K
4.7
7.96
10
7.96
35
.27
650
CTHC1812_-5R6K
5.6
7.96
10
7.96
30
.30
650
CTHC1812_-6R8K
6.8
7.96
10
7.96
28
.35
600
CTHC1812_-8R2K
8.2
7.96
10
7.96
25
.40
600
CTHC1812_-100K
10
2.52
10
2.52
22
.50
550
CTHC1812_-120K
12
2.52
10
2.52
21
.60
500
CTHC1812_-150K
15
2.52
10
2.52
20
.70
450
CTHC1812_-180K
18
2.52
10
2.52
19
.80
400
CTHC1812_-220K
22
2.52
10
2.52
18
.90
370
CTHC1812_-270K
27
2.52
10
2.52
16
1.2
330
CTHC1812_-330K
33
2.52
10
2.52
14
1.4
300
CTHC1812_-390K
39
2.52
10
2.52
12
1.6
280
CTHC1812_-470K
47
2.52
10
2.52
12
1.9
260
CTHC1812_-560K
56
2.52
10
2.52
11
2.2
240
CTHC1812_-680K
68
2.52
10
2.52
10
2.6
220
CTHC1812_-820K
82
2.52
10
2.52
9.0
3.5
200
CTHC1812_-101K
100
0.796
20
0.796
8.0
4.0
180
CTHC1812_-121K
120
0.796
20
0.796
7.5
4.5
160
CTHC1812_-151K
150
0.796
20
0.796
7.0
6.5
140
CTHC1812_-181K
180
0.796
20
0.796
6.5
7.5
120
CTHC1812_-221K
220
0.796
20
0.796
5.5
9.0
120
CTHC1812_-271K
270
0.796
20
0.796
5.0
11
100
CTHC1812_-331K
330
0.796
20
0.796
4.0
13
90
CTHC1812_-391K
390
0.796
20
0.796
3.8
23
80
CTHC1812_-471K
470
0.796
20
0.796
3.5
26
75
CTHC1812_-561K
560
0.796
20
0.796
2.8
30
70
CTHC1812_-681K
680
0.796
20
0.796
2.6
40
65
CTHC1812_-821K
820
0.796
20
0.796
2.5
45
60
CTHC1812_-102K
1000
0.796
20
0.796
2.3
50
55
CTHC1812 Series
From 1.0 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: High current, ferrite core, wire-wound molded
chip inductor
Applications: TV’s, VCR’s, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Tape & Reel
Part Marking: Inductance code or inductance code plus
tolerance.
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
SPECIFICATIONS
Parts are available in ±10% tolerance only.
CTHC1812F Please specify “F” for RoHS compliant


Similar Part No. - CTHC1812-391K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTHC1812-391K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
   Wire-wound Chip Inductors- Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
   Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
   Wire-wound Chip Inductors - Molded
logo
Abracon Corporation
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
   WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008F CT-CTMC1008F Datasheet
286Kb / 1P
   Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com