Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75159D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75159D
Description  DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75159D Datasheet(HTML) 4 Page - Texas Instruments

  SN75159D Datasheet HTML 1Page - Texas Instruments SN75159D Datasheet HTML 2Page - Texas Instruments SN75159D Datasheet HTML 3Page - Texas Instruments SN75159D Datasheet HTML 4Page - Texas Instruments SN75159D Datasheet HTML 5Page - Texas Instruments SN75159D Datasheet HTML 6Page - Texas Instruments SN75159D Datasheet HTML 7Page - Texas Instruments SN75159D Datasheet HTML 8Page - Texas Instruments SN75159D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75159
DUAL DIFFERENTIAL LINE DRIVER
WITH 3-STATE OUTPUTS
SLLS088B – JANUARY 1977 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V,
II = – 12 mA
– 0.9
–1.5
V
VOH
High level output voltage
VCC = 4.75 V,
VIL = 0.8 V,
24
3
V
VOH
High-level output voltage
CC
,
VIH = 2 V,
IL
,
IOH = – 40 mA
2.4
3
V
VOL
Low level output voltage
VCC = 4.75 V,
VIL = 0.8 V,
025
04
V
VOL
Low-level output voltage
CC
,
VIH = 2 V,
IL
,
IOL = 40 mA
0.25
0.4
V
VOK
Output clamp voltage
VCC = 5.25 V,
IO = – 40 mA
– 1.1
–1.5
V
VO
Output voltage
VCC = 4.75 V to 5.25 V,
IO = 0
0
6
V
|VOD1|
Differential output voltage
VCC = 5.25 V,
IO = 0
3.5
2VOD2
V
|VOD2|
Differential output voltage
VCC = 4.75 V
2
3
V
∆|VOD|
Change in magnitude of
VCC = 4 75 V
±002
±04
V
∆|VOD|
gg
differential output voltage‡
VCC = 4.75 V
±0.02
±0.4
V
VOC
Common-mode output
VCC = 5.25 V
RL = 100 Ω
See Figure 1
1.8
3
V
VOC
voltage§
VCC = 4.75 V
RL = 100 Ω,
See Figure 1
1.5
3
V
∆|VOC|
Change in magnitude of
VCC =4 75Vto5 25 V
±001
±04
V
∆|VOC|
gg
common-mode output voltage‡
VCC = 4.75 V to 5.25 V
±0.01
±0.4
V
VO = 6 V
0.1
100
IO
Output current with power off
VCC = 0
VO = – 0.25 V
– 0.1
– 100
µA
VO = – 0.25 V to 6 V
±100
TA = 25°C
VO = 0 to VCC
±10
Off t t (hi h i
d
V
5 25 V
VO = 0
–20
IOZ
Off-state (high-impedance
state) output current
VCC = 5.25 V,
Output controls at 0 8 V
TA =70°C
VO = 0.4 V
±20
µA
state) out ut current
Out ut controls at 0.8V
TA = 70°C
VO = 2.4 V
±20
VO = VCC
20
II
Input current at maximum input
VCC = 5 25 V
VI =5 5V
1
mA
II
voltage
VCC = 5.25 V,
VI = 5.5 V
1
mA
IIH
High-level input current
VCC = 5.25 V,
VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = 5.25 V,
VI = 0.4 V
–1
– 1.6
mA
IOS
Short-circuit output current¶
VCC = 5.25 V
–40
–90
– 150
mA
ICC
Supply current (both drivers)
VCC = 5.25 V,
Inputs grounded,
47
65
mA
ICC
Supply current (both drivers)
CC
TA = 25°C,
g
No load
47
65
mA
† All typical values are at VCC = 5 V and TA = 25°C except for VOC, for which VCC is as stated under test conditions.
∆|VOD| and ∆|VOC| are the changes in magnitudes of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
§ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to GND, is called output offset voltage, VOS.
¶ Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.


Similar Part No. - SN75159D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
[Old version datasheet]   DC PLASMA DISPLAY DRIVERS
SN751506FT TI1-SN751506FT Datasheet
180Kb / 11P
[Old version datasheet]   DC PLASMA DISPLAY DRIVERS
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
   DC PLASMA DISPLAY DRIVERS
More results

Similar Description - SN75159D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
   Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
   Dual Differential Line Drivers With 3 State Outputs
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com