Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-57041V9 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSM-57041V9
Description  0.7Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57041V9 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSM-57041V9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57041V9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57041V9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57041V9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57041V9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57041V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.7 inch (17.2mm) Matrix height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Material
Package Dimensions -
Page
1/5
Description
Column
Row
Super-Bright
Orange
http://www.csctw.com.tw
CSM-57031V9
Anode
Cathode
CSM-57041V9
AIGaInP
Model No CSM-57031V9/CSM-57041V9
PS-ND-0710
Emitted Color
A
2. Case mold type.
Part No.
Chip
Cathode
Anode


Similar Part No. - CSM-57041V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57041A9 CHINASEMI-CSM-57041A9 Datasheet
218Kb / 7P
   0.7Inch Dot-Matrix Display
CSM-57041E CHINASEMI-CSM-57041E Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57041G CHINASEMI-CSM-57041G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
CSM-57041M9 CHINASEMI-CSM-57041M9 Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57041S CHINASEMI-CSM-57041S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
More results

Similar Description - CSM-57041V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57071S CHINASEMI-CSM-57071S Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031T9 CHINASEMI-CSM-57031T9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031S CHINASEMI-CSM-57031S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071G CHINASEMI-CSM-57071G Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031M9 CHINASEMI-CSM-57031M9 Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071E CHINASEMI-CSM-57071E Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071M9 CHINASEMI-CSM-57071M9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071T9 CHINASEMI-CSM-57071T9 Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031E CHINASEMI-CSM-57031E Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071A9 CHINASEMI-CSM-57071A9 Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com