Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751730 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN751730
Description  TRIPLE LINE DRIVER/RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN751730 Datasheet(HTML) 6 Page - Texas Instruments

  SN751730 Datasheet HTML 1Page - Texas Instruments SN751730 Datasheet HTML 2Page - Texas Instruments SN751730 Datasheet HTML 3Page - Texas Instruments SN751730 Datasheet HTML 4Page - Texas Instruments SN751730 Datasheet HTML 5Page - Texas Instruments SN751730 Datasheet HTML 6Page - Texas Instruments SN751730 Datasheet HTML 7Page - Texas Instruments SN751730 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN751730
TRIPLE LINE DRIVER/RECEIVER
SLLS062C – MAY 1990 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level output voltage
VCC = 4.75 V,
VI = 1.15 V,
27
V
VOH
High-level output voltage
CC
,
IOH = – 400 µA
I
,
2.7
V
V
4 75 V
IOL =8mA
05
VOL
Low level output voltage
VCC = 4.75 V,
IOL = 8 mA
0.5
V
VOL
Low-level output voltage
CC
VIH = 1.55 V
IOL = 4 mA
0.4
V
rI
Input resistance
VCC = 0,
VI = 0.15 V to 3.9 V
7.4
20
k
IIH
High-level input current
VCC = 4.75 V,
VIH = 3.11 V
0.42
mA
IIL
Low-level input current
VCC = 5.25 V,
VIL = 0.15 V
– 0.24
0.04
mA
IOS†
Short-circuit output current
VCC = 5.25 V,
VIL = 0
–20
– 100
mA
ICCH
VI(D) = 4.5 V,
47
ICCH
Supply current (total package)
VCC = 5.25 V,
I(D)
,
VI(R) = 0
47
mA
ICCL
Supply current (total package)
CC
No load
VI(D) = 0,
80
mA
ICCL
I(D)
VI(R) = 4.5 V
80
† Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V ±5%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
7.5
12
19.5
ns
tPHL
Propagation delay time, high- to low-level output
RL = 2 kΩ,
CL = 15 pF,
See Figure 2
7.5
12
19.5
ns
∆tpd‡
Differential propagation delay time
10
ns
∆tpd = |tPLH – tPHL|


Similar Part No. - SN751730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730 TI1-SN751730 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
SN751730D TI1-SN751730D Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
SN751730DE4 TI1-SN751730DE4 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
SN751730DR TI1-SN751730DR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
SN751730DW TI1-SN751730DW Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results

Similar Description - SN751730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751730 TI1-SN751730_16 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com