Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75185N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185N
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75185N Datasheet HTML 2Page - Texas Instruments SN75185N Datasheet HTML 3Page - Texas Instruments SN75185N Datasheet HTML 4Page - Texas Instruments SN75185N Datasheet HTML 5Page - Texas Instruments SN75185N Datasheet HTML 6Page - Texas Instruments SN75185N Datasheet HTML 7Page - Texas Instruments SN75185N Datasheet HTML 8Page - Texas Instruments SN75185N Datasheet HTML 9Page - Texas Instruments SN75185N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181A – DECEMBER 1994 – REVISED NOVEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the SN75185 in the fault condition in which the device
outputs are shorted to
±15 V and the power supplies are at low and provide low-impedance paths to ground (see
Figure 15).
VDD
VSS
±15 V
Output
VDD
VSS
SN75185
SN75185
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA / EIA-232-F
11
12
13
14
15
16
17
18
19
20
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
VCC
VSS
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
VDD
10
9
8
7
6
5
4
3
2
1
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
R1
DTR
CTS
TX
RTS
RX
DSR
DCD
SN75185
5 V
TL16C450
ACE
1
5
6
9
12 V
– 12 V
TIA/EIA-232-F
DB9S
Connector
C1†
C3†
† See Figure 10 to select the correct values for the loading capacitors (C1, C2, and C3), which are required to meet the RS-232 maximum
slew-rate requirement of 30 V/
µs. The value of the loading capacitors required depends upon the line length and desired slew rate, but typically
is 330 pF.
C2†
Figure 16. Typical Connection


Similar Part No. - SN75185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75185N TI-SN75185N Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185N TI-SN75185N Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185NE4 TI-SN75185NE4 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185NE4 TI-SN75185NE4 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75185N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com