Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75468D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75468D
Description  DARLINGTON TRANSISTOR ARRAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75468D Datasheet(HTML) 5 Page - Texas Instruments

  SN75468D Datasheet HTML 1Page - Texas Instruments SN75468D Datasheet HTML 2Page - Texas Instruments SN75468D Datasheet HTML 3Page - Texas Instruments SN75468D Datasheet HTML 4Page - Texas Instruments SN75468D Datasheet HTML 5Page - Texas Instruments SN75468D Datasheet HTML 6Page - Texas Instruments SN75468D Datasheet HTML 7Page - Texas Instruments SN75468D Datasheet HTML 8Page - Texas Instruments SN75468D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN75468, SN75469
DARLINGTON TRANSISTOR ARRAYS
SLRS023B – DECEMBER 1976 – REVISED SEPTEMBER 1995
3–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
Open
VS = 50 V
RL = 163 Ω
Output
CL = 15 pF
(see Note B)
90%
90%
50%
50%
10%
10%
50%
50%
tPHL
tPLH
0.5
µs
≤ 10 ns
≤ 5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
Pulse
Generator
(see Note A)
Figure 9. Test Circuit and Voltage Waveforms
Input
Open
VS
200
Output
CL = 15 pF
(see Note B)
90%
90%
1.5 V
1.5 V
10%
10%
40
µs
≤ 10 ns
≤ 5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
1N3064
2 mH
Pulse
Generator
(see Note A)
Figure 10. Latch-Up Test Circuit and Voltage Waveforms
NOTES: A. The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C.
For testing the ’468, VIH = 3 V; for the ’469, VIH = 8 V.


Similar Part No. - SN75468D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75468D TI-SN75468D Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75468DE4 TI-SN75468DE4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75468DG4 TI-SN75468DG4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75468DR TI-SN75468DR Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75468DRE4 TI-SN75468DRE4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
More results

Similar Description - SN75468D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
   DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com