Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-57171EG Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CSM-57171EG
Description  1.2 Inch 5X7 Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57171EG Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSM-57171EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/6
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Orange
Reverse Voltage Per Dice
5
Operating Temp.
-35 ~ +85
Peak Current Per Dice(duty cycle 1/10, 1kHz)
90
Power Dissipation Per Dice
75
Continuous Forward Current Per Dice
25
http://www.csctw.com.tw
Model No CSM-57171/57181EG
Parameter
Rating
Derating Linear From 25
Per Dice
0.33
PS-ND-08090601
A


Similar Part No. - CSM-57171EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results

Similar Description - CSM-57171EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com