Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-58121G Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSM-58121G
Description  1.4 Inch 5X8 Dot-Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58121G Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSM-58121G Datasheet HTML 1Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 2Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 3Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 4Page - China Semiconductor Corporation CSM-58121G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 1.4 inch (35.7mm) Matrix height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Anode Cathode
Cathode Anode
Package Dimensions -
Page
1/4
Model No CSM-58111/58121G
PS-ND-08090301
Part No.
CSM-58111G
GaAsP
Yellow Green
Material
A
Chip
Emitted Color
2. Case mold type.
Column
Row
http://www.csctw.com.tw
CSM-58121G
GaAsP
Yellow Green


Similar Part No. - CSM-58121G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58121A9 CHINASEMI-CSM-58121A9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121B7 CHINASEMI-CSM-58121B7 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121E CHINASEMI-CSM-58121E Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121M9 CHINASEMI-CSM-58121M9 Datasheet
185Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58121S CHINASEMI-CSM-58121S Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results

Similar Description - CSM-58121G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111A9 CHINASEMI-CSM-58111A9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111S CHINASEMI-CSM-58111S Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161SG CHINASEMI-CSM-58161SG Datasheet
439Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161VM9 CHINASEMI-CSM-58161VM9 Datasheet
440Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111M9 CHINASEMI-CSM-58111M9 Datasheet
185Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58161EG CHINASEMI-CSM-58161EG Datasheet
438Kb / 6P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111B7 CHINASEMI-CSM-58111B7 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111E CHINASEMI-CSM-58111E Datasheet
184Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com