Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS173NS Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75ALS173NS
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173NS Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS173NS Datasheet HTML 1Page - Texas Instruments SN75ALS173NS Datasheet HTML 2Page - Texas Instruments SN75ALS173NS Datasheet HTML 3Page - Texas Instruments SN75ALS173NS Datasheet HTML 4Page - Texas Instruments SN75ALS173NS Datasheet HTML 5Page - Texas Instruments SN75ALS173NS Datasheet HTML 6Page - Texas Instruments SN75ALS173NS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
VOH
– 2.5 V
2.5 V
Output
Input
1.3 V
1.3 V
tPHL
tPLH
0 V
0 V
2 V
Output
CL = 15 pF
(see Note B)
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 2. Test Circuit and Voltage Waveforms
See Note D
≈ 0
S1 Open
S1 Closed
1.3 V
1.3 V
tPHZ
tPZH
0.5 V
See Note C
VCC
2 k
S1
5 k
2.5 V
CL
(see Note B)
Output
2 V
1.3 V
Input
Output
3 V
0 V
VOH
≈ 1.4 V
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 3. Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.


Similar Part No. - SN75ALS173NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS173NSLE TI-SN75ALS173NSLE Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NSR TI-SN75ALS173NSR Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NSRE4 TI-SN75ALS173NSRE4 Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NSRG4 TI-SN75ALS173NSRG4 Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
More results

Similar Description - SN75ALS173NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com