Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N32 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # 4N32
Description  OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

4N32 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  4N32 Datasheet HTML 1Page - ISOCOM COMPONENTS 4N32 Datasheet HTML 2Page - ISOCOM COMPONENTS 4N32 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5/2/03
DB90048-AAS/A4
OPTICALLY COUPLED ISOLATOR
PHOTODARLINGTON OUTPUT
APPROVALS
l
l
UL recognised, File No. E91231
DESCRIPTION
The 4N29, 4N30, 4N31, 4N32, 4N33 series of
optically coupled isolators consist of an infrared
light emitting diode and NPN silicon
photodarlington in a space efficient dual in line
plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
80mA
Reverse Voltage
5V
Power Dissipation
100mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Collector-base Voltage BV
CBO
50V
Emitter-collector Voltage BV
ECO
5V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
250mW
(derate linearly 3.3mW/°C above 25°C)
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
Dimensions in
mm
2.54
6.9
6.1
8.9
max.
1.4
0.9
2.54
min.
5.3
max.
15°
max.
0.25
0.48
8.3 max.
6
1
2
3
5
4
OPTION G
8.3 max
SURFACE MOUNT
OPTION SM
10.16
10.2
9.5
0.26
1.2
0.6
1.4
0.9
4N29, 4N30, 4N31, 4N32, 4N33


Similar Part No. - 4N32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N32 EVERLIGHT-4N32 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32 VISHAY-4N32 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - 4N32

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230X ISOCOM-MCA230X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
MCA2230X ETC1-MCA2230X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
TIL119 ISOCOM-TIL119 Datasheet
363Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com