Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11D1 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # H11D1
Description  HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

H11D1 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  H11D1 Datasheet HTML 1Page - ISOCOM COMPONENTS H11D1 Datasheet HTML 2Page - ISOCOM COMPONENTS H11D1 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Current (I
R)10
μAV
R = 6V
Output
Collector-emitter Breakdown (BV
CER )
H11D1, H11D2
300
V
I
C = 1mA, RBE = 1MΩ
H11D3, H11D4
200
V
( note 2 )
Collector-base Breakdown (BV
CBO)
H11D1, H11D2
300
V
I
C = 100μA
H11D3, H11D4
200
V
Emitter-collector Breakdown (BV
ECO )
6
V
I
E = 100μA
Collector-emitter Dark Current (I
CER )
H11D1, H11D2
100
nA
V
CE = 200V,RBE=1MΩ
250
μAV
CE= 200V,RBE=1MΩ,
T
A=100°C
H11D3, H11D4
100
nA
V
CE = 100V,RBE=1MΩ
250
μAV
CE= 100V,RBE=1MΩ,
T
A=100°C
Coupled
Current Transfer Ratio (CTR)
20
%
10mA I
F , 10V VCE ,
R
BE = 1MΩ
Collector-emitter Saturation VoltageV
CE(SAT)
0.4
V
10mA I
F , 0.5mA IC ,
R
BE = 1MΩ
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Turn-on Time
ton
5
μsV
CC = 10V, IC= 2mA,
Turn-off Time
toff
5
μs
R
L = 100Ω , fig 1
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
14/8/08
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Output
Output
R
L = 100Ω
Input
10%
90%
90%
10%
t
on
t
r
FIG 1
V
CC
t
off
t
f
DB91077m-AAS/A3


Similar Part No. - H11D1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11D1 MOTOROLA-H11D1 Datasheet
282Kb / 6P
   6-Pin DIP Optoisolators High Voltage Transistor Output(300 Volts)
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
Lite-On Technology Corp...
H11D1 LITEON-H11D1 Datasheet
196Kb / 9P
   Property of Lite-On Only
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
More results

Similar Description - H11D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CQY80X ETC-CQY80X Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-1X ETC-CNY17-1X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8100 ETC-MOC8100 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com