Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87696 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 87696
Description  PowerPlusTM (SSI) Expandable Power & Signal Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87696 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  87696 Datasheet HTML 1Page - Molex Electronics Ltd. 87696 Datasheet HTML 2Page - Molex Electronics Ltd. 87696 Datasheet HTML 3Page - Molex Electronics Ltd. 87696 Datasheet HTML 4Page - Molex Electronics Ltd. 87696 Datasheet HTML 5Page - Molex Electronics Ltd. 87696 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
America Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78Molex
Fax: 1-630-969-1352
Far East North Headquarters
Yamamoto, Kanagawa, Japan
Tel: 81-462-65-2324
Fax: 81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel: 65-6268-6868
Fax: 65-6265-2985
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
Fax: 49-89-401527
Corporate Headquarters
2222 Wellington Court
Lisle, Illinois 60532 U.S.A.
Tel: 1-630-969-4550
Fax: 1-630-969-1352
© 2003, Molex
Bringing People & Technology Together, Worldwide
Signal-Power(Beta) (S-Pb)
87710
Vertical,
Press-Fit Receptacle
87667
Right Angle,
Through Hole Header
87668
Right Angle,
Through Hole Receptacle
AC/DC
87663
Right Angle,
Through Hole Header
87734
Right Angle,
Through Hole Receptacle
87664
Right Angle,
Through Hole Receptacle
SM
PowerPlusTM (SSI) Expandable Power & Signal Connectors


Similar Part No. - 87696

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87696-2001 MOLEX9-87696-2001 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts, 32Circuits, Power Alpha 8, Signal 24, Recessed Signal Pins A5, A6, B5, B6, C5, B6, D5,
87696-2002 MOLEX9-87696-2002 Datasheet
296Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts
87696-2003 MOLEX9-87696-2003 Datasheet
296Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
87696-2008 MOLEX9-87696-2008 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
87696-2010 MOLEX9-87696-2010 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa- S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
More results

Similar Description - 87696

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5582 NJSEMI-2N5582 Datasheet
80Kb / 1P
   SSI NPN POWER BJT
logo
List of Unclassifed Man...
MCY74027N ETC1-MCY74027N Datasheet
229Kb / 3P
   SSI CMOS
MCY74066N ETC-MCY74066N Datasheet
194Kb / 3P
   SSI CMOS
logo
Molex Electronics Ltd.
0876061001 MOLEX9-0876061001 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
0876951001 MOLEX9-0876951001 Datasheet
239Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus (SSI) DPS Receptacle
0876151008 MOLEX9-0876151008 Datasheet
287Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) MPS Header
0876062002 MOLEX9-0876062002 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
logo
List of Unclassifed Man...
MCY74013 ETC-MCY74013 Datasheet
223Kb / 3P
   SSI CMOS
MCY74019 ETC-MCY74019 Datasheet
154Kb / 2P
   SSI CMOS
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B Datasheet
157Kb / 6P
   CMOS SSI
February, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com