Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-88108VM9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-88108VM9
Description  1.85 Inch Dot-Matrix Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88108VM9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-88108VM9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 6Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 7Page - China Semiconductor Corporation CSM-88108VM9 Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.85 Inch Dot-Matrix Display
8*8 Array with X-Y Select.
CSM-88108: Column Cathode, Row Anode
Emitting Color Super Bright Orange
Emitting Color Super Bright Green
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
http://www.csctw.com.tw
PREPARED BY
PS-ND-0710
A
Model No CSM-88108VM9
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY


Similar Part No. - CSM-88108VM9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88108EG CHINASEMI-CSM-88108EG Datasheet
788Kb / 8P
   1.85 Inch Dot-Matrix Display
CSM-88108SG CHINASEMI-CSM-88108SG Datasheet
812Kb / 8P
   1.85 Inch Dot-Matrix Display
More results

Similar Description - CSM-88108VM9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88108EG CHINASEMI-CSM-88108EG Datasheet
788Kb / 8P
   1.85 Inch Dot-Matrix Display
CSM-88108SG CHINASEMI-CSM-88108SG Datasheet
812Kb / 8P
   1.85 Inch Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138G CHINASEMI-CSM-88138G Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
logo
Unity Opto Technology
UVP-2688 UOT-UVP-2688 Datasheet
94Kb / 5P
   1.85 inch ( 47.0mm ) 8X8 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com