Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C198 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C198
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C198 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C198 Datasheet HTML 3Page - Texas Instruments SN75C198 Datasheet HTML 4Page - Texas Instruments SN75C198 Datasheet HTML 5Page - Texas Instruments SN75C198 Datasheet HTML 6Page - Texas Instruments SN75C198 Datasheet HTML 7Page - Texas Instruments SN75C198 Datasheet HTML 8Page - Texas Instruments SN75C198 Datasheet HTML 9Page - Texas Instruments SN75C198 Datasheet HTML 10Page - Texas Instruments SN75C198 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN75C198
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS051C – JULY 1990 – REVISED MARCH 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
TEST CIRCUIT
Output
CL
(see Note B)
RL
3 V
0 V
VOL
Voff ≈ 0 V
tPZL
VOLTAGE WAVEFORMS
VOL/2
1.5 V
1.5 V
tPLZ
3 V
0.5 V
Pulse
Generator
(see Note A)
Input
Output
NOTES: A. The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf ≤ 50 ns.
B. CL includes probe and jig capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN75C198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198D TI1-SN75C198D Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DE4 TI1-SN75C198DE4 Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DG4 TI1-SN75C198DG4 Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DRE4 TI1-SN75C198DRE4 Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com