Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-88138G Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM-88138G
Description  1.85 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88138G Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-88138G Datasheet HTML 1Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 2Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 3Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 4Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 5Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
7
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/5
A
Model No CSM-88138G/88148G
http://www.csctw.com.tw
Reverse Current
Derating Linear From 25
Per Dice
0.33
Reverse Voltage Per Dice
Rating
PS-ND-08090304
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Luminous Intensity Matching Ratio
70
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10,1KHz)
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Dot
Luminous Intensity Per Dot


Similar Part No. - CSM-88138G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-88138G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
logo
Unity Opto Technology
UVP-2688 UOT-UVP-2688 Datasheet
94Kb / 5P
   1.85 inch ( 47.0mm ) 8X8 DOT MATRIX LED DISPLAY
logo
QT Optoelectronics
GMA46881C QT-GMA46881C Datasheet
195Kb / 5P
   1.85 INCH (47.0mm) 8X8 DOT MATRIX STICK DISPLAY
logo
China Semiconductor Cor...
CSM-88108EG CHINASEMI-CSM-88108EG Datasheet
788Kb / 8P
   1.85 Inch Dot-Matrix Display
CSM-88108VM9 CHINASEMI-CSM-88108VM9 Datasheet
746Kb / 8P
   1.85 Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com