Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-88160EG Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM-88160EG
Description  1.2 Inch 8X8 Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88160EG Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-88160EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-88160EG Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
4
-
mcd
IF=10mA
q
-
632
-
nm
IF=20mA
Od
-
624
-
nm
IF=20mA
-
35
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
5
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/6
Forward Voltage Per Dot
Luminous Intensity Per Dot
Peak Emission Wavelength
Dominant Wavelength
Yellow Green
Orange
Forward Voltage Per Dot
Luminous Intensity Per Dot
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
70
Reverse Current
Spectrum Radiation Bandwidth
Reverse Current
Luminous Intensity Matching Ratio
Yellow Green
Parameter
PS-ND-08090401
A
Model No CSM-88160EG
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
0.33
Reverse Voltage Per Dice
Rating


Similar Part No. - CSM-88160EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88160SG CHINASEMI-CSM-88160SG Datasheet
277Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-88160EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111T9 CHINASEMI-CSM-88111T9 Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111A9 CHINASEMI-CSM-88111A9 Datasheet
212Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111G CHINASEMI-CSM-88111G Datasheet
215Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111S CHINASEMI-CSM-88111S Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111V9 CHINASEMI-CSM-88111V9 Datasheet
206Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160SG CHINASEMI-CSM-88160SG Datasheet
277Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111E CHINASEMI-CSM-88111E Datasheet
209Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com