Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-88221S Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM-88221S
Description  2.3 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88221S Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-88221S Datasheet HTML 1Page - China Semiconductor Corporation CSM-88221S Datasheet HTML 2Page - China Semiconductor Corporation CSM-88221S Datasheet HTML 3Page - China Semiconductor Corporation CSM-88221S Datasheet HTML 4Page - China Semiconductor Corporation CSM-88221S Datasheet HTML 5Page - China Semiconductor Corporation CSM-88221S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
1.8
2.5
V
IF=20mA
Iv
-
9
-
mcd
IF=10mA
q
-
660
-
nm
IF=20mA
Od
-
644
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
-
Ip=80mA
1/16Duty
Page
3/5
A
Model No CSM-88211S/88221S
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
0.42
Reverse Voltage Per Dice
Rating
PS-ND-08090304
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
75
30
120
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Dot
Luminous Intensity Per Dot


Similar Part No. - CSM-88221S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88221A9 CHINASEMI-CSM-88221A9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88221E CHINASEMI-CSM-88221E Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88221G CHINASEMI-CSM-88221G Datasheet
212Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88221M9 CHINASEMI-CSM-88221M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88221T9 CHINASEMI-CSM-88221T9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-88221S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211E CHINASEMI-CSM-88211E Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211G CHINASEMI-CSM-88211G Datasheet
212Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211T9 CHINASEMI-CSM-88211T9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211V9 CHINASEMI-CSM-88211V9 Datasheet
205Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261SG CHINASEMI-CSM-88261SG Datasheet
271Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211A9 CHINASEMI-CSM-88211A9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261VM9 CHINASEMI-CSM-88261VM9 Datasheet
266Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
logo
Kingbright Corporation
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
152Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11EWA KINGBRIGHT-TC23-11EWA Datasheet
153Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com