Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP62230 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # BP62230
Description  140 MHz Bandpass SAW Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

BP62230 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  BP62230 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
140 MHz Bandpass SAW Filter
Phone: +86 (10) 5128 1211
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2006 by Vanlong Technology Co., Ltd.
BP62230
140 MHz Bandpass SAW Filter
4.2 MHz Bandwidth
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications
Parameter
Sym
Minimum
Typical
Maximum
Unit
Center Frequency at 25
°C
fc
139.9
140
140.1
MHz
Insertion Loss at fc
IL
-
23.9
28.0
dB
1 dB Bandwidth
BW1
4.0
4.1
-
MHz
3 dB Bandwidth
BW3
4.2
4.3
-
MHz
40dB Bandwidth
BW40
-
5.3
5.5
MHz
Passband Variation
-
-
0.5
1.0
dB
Phase Linearity
-
-
3.0
4.3
Deg
Group Delay Variation
-
-
100
200
nsec
Absolute Delay
-
-
2.6
-
µsec
Ultimate Rejection
-
45
50
-
dB
Substrate Material
-
-
Quartz
-
-
Ambient Temperature
Ta
-
25
-
°C
Package Type
DIP2712
Typical Performance
Package Outline
Matching Configuration
L1 : 180 nH,
L2 : 270 nH
L3 : 220 nH,
L4 : 120 nH
Nominal Source/Load Impedance : 50
Note: Component values may change depending on board layout.
130
135
140
145
150
-90
-80
-70
-60
-50
-40
-30
Ty pe performanc e
Frequency (MHz )
138
139
140
141
142
-29
-28
-27
-26
-25
-24
Frequenc y(MHz)
BP62230


Similar Part No. - BP62230

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP62210 VANLONG-BP62210 Datasheet
42Kb / 1P
   140 MHz Bandpass SAW Filter
BP62211 VANLONG-BP62211 Datasheet
42Kb / 1P
   140 MHz Bandpass SAW Filter
More results

Similar Description - BP62230

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP62320 VANLONG-BP62320 Datasheet
44Kb / 1P
   140 MHz Bandpass SAW Filter
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
   140 MHz Bandpass SAW Filter
BP62211 VANLONG-BP62211 Datasheet
42Kb / 1P
   140 MHz Bandpass SAW Filter
BP62100 VANLONG-BP62100 Datasheet
44Kb / 1P
   140 MHz Bandpass SAW Filter
BP62170 VANLONG-BP62170 Datasheet
40Kb / 1P
   140 MHz Bandpass SAW Filter
BP62110 VANLONG-BP62110 Datasheet
41Kb / 1P
   140 MHz Bandpass SAW Filter
BP62190 VANLONG-BP62190 Datasheet
40Kb / 1P
   140 MHz Bandpass SAW Filter
BP62150 VANLONG-BP62150 Datasheet
39Kb / 1P
   140 MHz Bandpass SAW Filter
BP62180 VANLONG-BP62180 Datasheet
43Kb / 1P
   140 MHz Bandpass SAW Filter
BP62340 VANLONG-BP62340 Datasheet
44Kb / 1P
   140 MHz Bandpass SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com