Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC786 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LBC786
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC786 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC786 Datasheet HTML 1Page - Texas Instruments SN75LBC786 Datasheet HTML 2Page - Texas Instruments SN75LBC786 Datasheet HTML 3Page - Texas Instruments SN75LBC786 Datasheet HTML 4Page - Texas Instruments SN75LBC786 Datasheet HTML 5Page - Texas Instruments SN75LBC786 Datasheet HTML 6Page - Texas Instruments SN75LBC786 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75LBC786
QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SLLS184 – NOVEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Receiver input threshold voltage
VIT = (VI+ – VI–)
– 200
200
mV
VIT
g
(see Figure 5)
VIT = (VI+ – VI–) with 500-Ω series resistor
– 400
400
mV
II
Input current
VI = 10 V
Other input to GND
1.3
3.25
mA
II
Input current
VI = – 10 V
Other input to GND
– 3.25
– 1.3
mA
Vhys
Hysteresis voltage
20
40
150
mV
VOH
High level output voltage (see Note 2)
IO = – 20 µA
3.5
5
V
VOH
High-level output voltage (see Note 2)
IO = – 4 mA
2.4
5
V
VOL
Low-level output voltage
IO = 20 µA to 4 mA
0.4
V
IOS
RX short circuit current
50
mA
VID
Differential input voltage
Receiver inputs open circuit
1.6
2.1
2.6
V
Vofs
Fail safe output voltage
See Note 3
3.5
V
NOTES:
2. Device has an internal RX supply regulator. Maximum RX logic output voltage under no load is thus defined by an internal voltage
value. This is nominally set to 4.5 V with a tolerance of
±5%.
3. One input at ground, other input open circuit, IO = – 20 µA, or both open circuit.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tPLH
Propagation delay time, low-to-high (see Figure 2)
015
1
µs
tPHL
Propagation delay time, high-to-low (see Figure 2)
CL =50 pF
0.15
1
µs
tTHL
Transition time, high-to-low (see Figure 3)
CL = 50 pF
20
200
ns
tTLH
Transition time, low-to-high (see Figure 3)
20
200
ns


Similar Part No. - SN75LBC786

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786 TI1-SN75LBC786 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786DW TI1-SN75LBC786DW Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786DWG4 TI1-SN75LBC786DWG4 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
More results

Similar Description - SN75LBC786

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC784 TI-SN75LBC784 Datasheet
89Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75186 TI-SN75186 Datasheet
197Kb / 12P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75186 TI1-SN75186_14 Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com