Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC786 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75LBC786
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC786 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC786 Datasheet HTML 1Page - Texas Instruments SN75LBC786 Datasheet HTML 2Page - Texas Instruments SN75LBC786 Datasheet HTML 3Page - Texas Instruments SN75LBC786 Datasheet HTML 4Page - Texas Instruments SN75LBC786 Datasheet HTML 5Page - Texas Instruments SN75LBC786 Datasheet HTML 6Page - Texas Instruments SN75LBC786 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN75LBC786
QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SLLS184 – NOVEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic) (each transceiver)
+
Driver
Receiver
A
LB
Z
Y
C
B
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Positive supply voltage, VDD (see Note 1)
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage, VSS
– 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver input voltage range
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver input voltage range
– 0.5 V to 5.75 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Loopback input voltage range
– 0.5 V to 5.75 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (supplies at 0 V)
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (supplies at
±12 V)
– 25 V to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) TA= 70°C
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to network ground terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
10.8
12
13.2
V
Supply voltage, VSS
– 10.8
–12
– 13.2
V
High-level input voltage, VIH
Driver and loopback
2
V
Low-level input voltage, VIL
Driver and loopback
0.8
V
High-level output current, IOH
Receiver
–4
mA
Low-level output current, IOL
Receiver
4
mA
Slew rate control resistor, RWS
20
82
820
k
Operating free-air temperature, TA
0
70
°C


Similar Part No. - SN75LBC786

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786 TI1-SN75LBC786 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786DW TI1-SN75LBC786DW Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786DWG4 TI1-SN75LBC786DWG4 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
More results

Similar Description - SN75LBC786

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC784 TI-SN75LBC784 Datasheet
89Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75186 TI-SN75186 Datasheet
197Kb / 12P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75186 TI1-SN75186_14 Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com