Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRJG31S1NN1001A Datasheet(PDF) 4 Page - Central Technologies

Part # CTRJG31S1NN1001A
Description  Integrated RJ45 Magnetic Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG31S1NN1001A Datasheet(HTML) 4 Page - Central Technologies

  CTRJG31S1NN1001A Datasheet HTML 1Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 2Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 3Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 4Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 5Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 6Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 7Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 8Page - Central Technologies CTRJG31S1NN1001A Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
SCHEMATICS
75 x4
P5
TD4
P9
P10
P8
TD3
P7
P6
TD1
TD2
P4
P3
0.01uFx4
P1
P2
Vcc
GND
Shield
1000pF/2KV
J1
J2
J3
J4
J5
J6
J7
J8
75 x4
0.01uFx4
J1
J2
J3
J4
J5
J6
J7
J8
P5
P9
P10
P8
P7
P6
P4
P3
P2
P1
Vcc
GND
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
x1015
75 x4
0.01uFx4
J1
J2
J3
J4
J5
J6
J7
J8
P3
P7
P10
P8
P5
P6
P4
P1
P2
P9
Vcc
GND
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
75 x4
J1
J2
J3
J4
J5
J6
J7
J8
1000pF/2KV
Shield
TD4
TD3
TD2
TD1
P5
P9
P8
P2
P3
P4
P10
P11
P7
P1
P6
P12
CTRJG Series
1013A
1012B
1015B
1223C


Similar Part No. - CTRJG31S1NN1001A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1026 CT-CTRJGU27S1GU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1033 CT-CTRJGU27S1GU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1026 CT-CTRJGU27S1NU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1033 CT-CTRJGU27S1NU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJG31S1NN1001A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJM CT-CTRJM Datasheet
907Kb / 10P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com