Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC968DL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC968DL
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC968DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LBC968DL Datasheet HTML 5Page - Texas Instruments SN75LBC968DL Datasheet HTML 6Page - Texas Instruments SN75LBC968DL Datasheet HTML 7Page - Texas Instruments SN75LBC968DL Datasheet HTML 8Page - Texas Instruments SN75LBC968DL Datasheet HTML 9Page - Texas Instruments SN75LBC968DL Datasheet HTML 10Page - Texas Instruments SN75LBC968DL Datasheet HTML 11Page - Texas Instruments SN75LBC968DL Datasheet HTML 12Page - Texas Instruments SN75LBC968DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN75LBC968
9-CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179C – APRIL 1994 – REVISED JANUARY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
CE
Termination
Output
DE / RE
A
TE
B
VCC
560
47
+
2.5 V
CL
Inputs
Input is Either
CE or DE / RE
VCC
50%
0 V
VCC
50%
0 V
VCC
50%
VOL
2.5 V
50%
VOL
tPLZ
tPZL
CE
DE / RE
A
B
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr  6 ns, tf  6 ns, PRR  1 MHz,
duty cycle = 50%, ZO = 50 Ω.
B. All resistances are in ohms and
±5%, unless otherwise indicated.
C. All capacitances are in picofarads and
±10%, unless otherwise indicated.
D. All indicated voltages are
±10 mV.
Figure 5. Driver Delay Time Test Circuit and Waveforms


Similar Part No. - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968DL TI1-SN75LBC968DL Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLG4 TI1-SN75LBC968DLG4 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLR TI1-SN75LBC968DLR Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLRG4 TI1-SN75LBC968DLRG4 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results

Similar Description - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968 TI1-SN75LBC968_09 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
logo
Texas Instruments
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com