Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC978 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LBC978
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC978 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC978 Datasheet HTML 6Page - Texas Instruments SN75LBC978 Datasheet HTML 7Page - Texas Instruments SN75LBC978 Datasheet HTML 8Page - Texas Instruments SN75LBC978 Datasheet HTML 9Page - Texas Instruments SN75LBC978 Datasheet HTML 10Page - Texas Instruments SN75LBC978 Datasheet HTML 11Page - Texas Instruments SN75LBC978 Datasheet HTML 12Page - Texas Instruments SN75LBC978 Datasheet HTML 13Page - Texas Instruments SN75LBC978 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN75LBC978
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS134E – APRIL 1992 – REVISED MAY 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
400
100
10
4
1
1000
40
0.001
0.004 0.01
0.04
1
4
10
AVERAGE SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – MHz
2
9 Unloaded Receivers
9 Unloaded Drivers
Figure 7
– 30
– 40
– 50
– 60
0
0.5
1
1.5
2
2.5
3
– 20
–10
0
3.5
4
4.5
VI – Input Voltage – V
INPUT CURRENT
vs
INPUT VOLTAGE
VCC = 4.75 V
TA = 25°C
A, DE/RE, WRAP1, WRAP2
Figure 8
0
–1
– 3
– 4
– 5
4
– 2
– 20 –16 –12 – 8
– 4
0
4
2
1
3
INPUT CURRENT
vs
INPUT VOLTAGE
5
8
121620
VI – Input Voltage – V
VCC = 4.75 V
TA = 25°C
B + and B –
Figure 9


Similar Part No. - SN75LBC978

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI1-SN75LBC978 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978DL TI1-SN75LBC978DL Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978DLG4 TI1-SN75LBC978DLG4 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978DLR TI1-SN75LBC978DLR Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978DLRG4 TI1-SN75LBC978DLRG4 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75LBC978

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com