Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMCC0201FTF6V33R9 Datasheet(PDF) 9 Page - Central Technologies

Part # CTMCC0201FTF6V33R9
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCC0201FTF6V33R9 Datasheet(HTML) 9 Page - Central Technologies

  CTMCC0201FTF6V33R9 Datasheet HTML 1Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 2Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 3Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 4Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 5Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 6Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 7Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 8Page - Central Technologies CTMCC0201FTF6V33R9 Datasheet HTML 9Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTMCC Series
ELECTRICAL DATA
Dielectric
NP0
X7R
Y5V
Size
0402,0603,0805,1206,1210,1808,1812
Capacitance*
0.5pF~0.039uF
100pF~1uF
10nF~1uF
Capacitance tolerance
±30 ppm
Rated voltage (WVDC)
Q*
Insulation resistance at Ur**
Operating temperature
Capacitance change
Termination
5pF<Cap<10pF:C(±0.25%), D(±0.50pF)
Cap
≥10pF:F(±0.1%), G(±2%), J(±5%)
16V,25V,50V,100V
Cap<30pF:Q
≥400 +20C
Cap
30pF:Q≥ 1000
≥10GΩ
-55˚C to +125˚C
Ni/Sn(lead-free termination)
J (±5%)
K (±10%)
10V,16V,25V,50V,100V
Note: 1
≥10GΩ or RxC≥500Ω-F Whichever is less
-25˚C to +85˚C
±15%
+30/-80%
* Measured at the condition of 30-70% related humidity
NPO: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25˚ ambient temp.
X7R: Apply 1.0±0.2Vrms, 1.0kHz±10% at the condition of 25˚C ambient temperature
Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10% at the condition of 20˚C ambient temperature
Note 1:
X7R / X5R
Y5V
Cap
≤5pF:B(±0.1pF), C(±0.25pF)
Rated vol.
≤50V
25V
16V
10V
D.F.
≤2.5%
≤3.5%
≤3.5%
≤5.0%
EXCEPTION OF D.F.
≤3%
≤5%
≤7%
≤5%
≤10%
≤10%
0603
≥0.047uF;0805≥0.18uF
1206
≥0.47uF
0805
≥1uF;1210≥10uF
0603
≥0.33uF
0402
≥0.033uF;0603≥0.15uF
0805
≥0.68uF;1206≥2.2uF
1210
≥22uF
0603
≥1uF;0805≥2.2uF
1210
≥22uF
Rated vol.
≥50V
25V
16V(C<1.0uF)
16V(C
≥1.0uF)
10V
D.F.
≤5.0%
≤5.0%
≤7.0%
≤9.0%
≤12.5
EXCEPTION OF D.F.
-----
≤7%
≤9%
≤9%
≤12.5%
-----
-----
0603
≥0.1uF;0805≥0.33uF
1206
≥1uF;1210≥4.7uF
0402
≥0.068uF
0402
≥0.068uF;0603≥0.68uF
0805
≥4.7uF;1206≥10uF
1210
≥22uF;1812≥47uF
-----
M (±20%)
Z (-20 / +80%)
02.26.07


Similar Part No. - CTMCC0201FTF6V33R9

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1008 CT-CTMC1008 Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-100M CT-CTMC1008-100M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-101M CT-CTMC1008-101M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-120M CT-CTMC1008-120M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-150M CT-CTMC1008-150M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMCC0201FTF6V33R9

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com