Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTSDM129NF Datasheet(PDF) 1 Page - Central Technologies

Part # CTSDM129NF
Description  DIP Inductors - Shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSDM129NF Datasheet(HTML) 1 Page - Central Technologies

  CTSDM129NF Datasheet HTML 1Page - Central Technologies CTSDM129NF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIP Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
10.03.08
SPECIFICATIONS
Parts are only available in ±20% inductance tolerance.
Irms: Will cause an approximate temp rise of
≤≤40°C
Isat: Will cause L0A to drop approximately 20% typ.
Test
DCR
Irms
Isat
Part
Inductance
Freq.
Q
Max..
Typ..
Max.
Number
(µH)
(kHz)
Min.
(m
Ω
Ω)
(A)
(A)
CTSDM129NF-R25M
0.25
100
25
0.60
40
45
CTSDM129NF-R30M
0.30
100
20
0.60
30
40
CTSDM129NF-R47M
0.47
100
20
0.80
35
40
CTSDM129NF-R50M
0.50
100
25
0.80
38
42
CTSDM129NF-R60M
0.60
100
20
0.55
30
40
CTSDM129NF-R68M
0.68
100
25
1.00
35
40
CTSDM129NF Series
From 0.25 µH to 0.68 µH
Not shown at actual size.
CHARACTERISTICS
Description: DIP (shielded) power inductor
Applications: Power line DC/DC converter applications used in
power switching, personal computers & other hand held electronic
equipment.
Operating Temperature: -25°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 100kHz, 1.0Vdc
Packaging: Bulk
Marking: Marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS & RECOMMENDED LAND PATTERN (mm)
PCB Pattern
12.5
F
A
F
ØW
R25
ØN
P/N
A
B
C
D
E
F
W
L
M
N
Max.
Max.
Max.
Ref.
Ref.
R25/R47/R50/R68
12.5
12.5
10.5
3.4±0.5
6.68±0.5
6.68±0.5
1.6±0.1
9.45±0.5
9.45
1.9
R30/R60
12.5
12.5
10.5
3.4±0.5
6.0±0.5
7.3±0.5
1.6±0.1
9.45±0.5
9.45
1.9
RoHS
Compliant
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES


Similar Part No. - CTSDM129NF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD10F CT-CTSD10F Datasheet
172Kb / 1P
   Power Inductors - Shielded
CTSD14F CT-CTSD14F Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-100M CT-CTSD14F-100M Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-101M CT-CTSD14F-101M Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-102M CT-CTSD14F-102M Datasheet
475Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTSDM129NF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1210F CT-CT1210F Datasheet
205Kb / 1P
   DIP Inductors - Shielded
CT1312F CT-CT1312F Datasheet
204Kb / 1P
   DIP Inductors - Shielded
CT1714F CT-CT1714F Datasheet
203Kb / 1P
   DIP Inductors - Shielded
logo
Superworld Electronics
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
   MOLDING TYPE DIP INDUCTORS
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
logo
XFMRS Inc.
XFXXXXSH1 XFMRS-XFXXXXSH1 Datasheet
53Kb / 1P
   SHIELDED INDUCTORS
1XFSH1M XFMRS-1XFSH1M_15 Datasheet
42Kb / 1P
   SHIELDED INDUCTORS
XF26175SH XFMRS-XF26175SH Datasheet
84Kb / 2P
   SHIELDED INDUCTORS
XFS1MDR1714SH XFMRS-XFS1MDR1714SH_15 Datasheet
82Kb / 2P
   SHIELDED INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com