Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTSDM129NF-R50M Datasheet(PDF) 2 Page - Central Technologies

Part # CTSDM129NF-R50M
Description  DIP Inductors - Shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSDM129NF-R50M Datasheet(HTML) 2 Page - Central Technologies

  CTSDM129NF-R50M Datasheet HTML 1Page - Central Technologies CTSDM129NF-R50M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
10.03.08
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
DIP Inductors - Shielded
CTSDM129NF Series
DC CURRENT vs INDUCTANCE & TEMPERATURE RISE
0
10
203040
5060
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
90
100
0
153045
60
DC CURRENT(A )
0
0.1
0.2
0.3
0.4
0
20
40
60
80
100
CTSDM129NF-R25M
CTSDM129NF-R30M
010
20
30
40
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
60
70
80
010
20
30
40
50
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
0
102030
4050
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
0
1020304050
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
CTSDM129NF-R47M
CTSDM129NF-R50M
CTSDM129NF-R60M
CTSDM129NF-R68M


Similar Part No. - CTSDM129NF-R50M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD10F CT-CTSD10F Datasheet
172Kb / 1P
   Power Inductors - Shielded
CTSD14F CT-CTSD14F Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-100M CT-CTSD14F-100M Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-101M CT-CTSD14F-101M Datasheet
475Kb / 1P
   Power Inductors - Shielded
CTSD14F-102M CT-CTSD14F-102M Datasheet
475Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTSDM129NF-R50M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1210F CT-CT1210F Datasheet
205Kb / 1P
   DIP Inductors - Shielded
CT1312F CT-CT1312F Datasheet
204Kb / 1P
   DIP Inductors - Shielded
CT1714F CT-CT1714F Datasheet
203Kb / 1P
   DIP Inductors - Shielded
logo
Superworld Electronics
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
   MOLDING TYPE DIP INDUCTORS
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
logo
XFMRS Inc.
XFXXXXSH1 XFMRS-XFXXXXSH1 Datasheet
53Kb / 1P
   SHIELDED INDUCTORS
1XFSH1M XFMRS-1XFSH1M_15 Datasheet
42Kb / 1P
   SHIELDED INDUCTORS
XF26175SH XFMRS-XF26175SH Datasheet
84Kb / 2P
   SHIELDED INDUCTORS
XFS1MDR1714SH XFMRS-XFS1MDR1714SH_15 Datasheet
82Kb / 2P
   SHIELDED INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com