Electronic Components Datasheet Search |
|
CTMCC0201DTB1003R9 Datasheet(PDF) 9 Page - Central Technologies |
|
CTMCC0201DTB1003R9 Datasheet(HTML) 9 Page - Central Technologies |
9 / 9 page ctparts.com Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL CTMCC Series ELECTRICAL DATA Dielectric NP0 X7R Y5V Size 0402,0603,0805,1206,1210,1808,1812 Capacitance* 0.5pF~0.039uF 100pF~1uF 10nF~1uF Capacitance tolerance ±30 ppm Rated voltage (WVDC) Q* Insulation resistance at Ur** Operating temperature Capacitance change Termination 5pF<Cap<10pF:C(±0.25%), D(±0.50pF) Cap ≥10pF:F(±0.1%), G(±2%), J(±5%) 16V,25V,50V,100V Cap<30pF:Q ≥400 +20C Cap ≥30pF:Q≥ 1000 ≥10GΩ -55˚C to +125˚C Ni/Sn(lead-free termination) J (±5%) K (±10%) 10V,16V,25V,50V,100V Note: 1 ≥10GΩ or RxC≥500Ω-F Whichever is less -25˚C to +85˚C ±15% +30/-80% * Measured at the condition of 30-70% related humidity NPO: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap ≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25˚ ambient temp. X7R: Apply 1.0±0.2Vrms, 1.0kHz±10% at the condition of 25˚C ambient temperature Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10% at the condition of 20˚C ambient temperature Note 1: X7R / X5R Y5V Cap ≤5pF:B(±0.1pF), C(±0.25pF) Rated vol. ≤50V 25V 16V 10V D.F. ≤2.5% ≤3.5% ≤3.5% ≤5.0% EXCEPTION OF D.F. ≤3% ≤5% ≤7% ≤5% ≤10% ≤10% 0603 ≥0.047uF;0805≥0.18uF 1206 ≥0.47uF 0805 ≥1uF;1210≥10uF 0603 ≥0.33uF 0402 ≥0.033uF;0603≥0.15uF 0805 ≥0.68uF;1206≥2.2uF 1210 ≥22uF 0603 ≥1uF;0805≥2.2uF 1210 ≥22uF Rated vol. ≥50V 25V 16V(C<1.0uF) 16V(C ≥1.0uF) 10V D.F. ≤5.0% ≤5.0% ≤7.0% ≤9.0% ≤12.5 EXCEPTION OF D.F. ----- ≤7% ≤9% ≤9% ≤12.5% ----- ----- 0603 ≥0.1uF;0805≥0.33uF 1206 ≥1uF;1210≥4.7uF 0402 ≥0.068uF 0402 ≥0.068uF;0603≥0.68uF 0805 ≥4.7uF;1206≥10uF 1210 ≥22uF;1812≥47uF ----- M (±20%) Z (-20 / +80%) 02.26.07 |
Similar Part No. - CTMCC0201DTB1003R9 |
|
Similar Description - CTMCC0201DTB1003R9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |