Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRJM26S1NN0812A Datasheet(PDF) 9 Page - Central Technologies

Part # CTRJM26S1NN0812A
Description  Integrated RJ45 Magnetic Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJM26S1NN0812A Datasheet(HTML) 9 Page - Central Technologies

Back Button CTRJM26S1NN0812A Datasheet HTML 2Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 3Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 4Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 5Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 6Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 7Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 8Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 9Page - Central Technologies CTRJM26S1NN0812A Datasheet HTML 10Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.01.06
MECHANICAL
115.32
PANEL CUTOUT
114.70
P12
P11
P10
P9
P10
P9
P1
P2
P7
P8
0.5x0.5
0.4x0.4
10.92
24.89
38.86
52.82
0.51
0.75
1.79
1.02
2.54
57.35
15.44
27.94
109.22
114.45
54.61
Suggested PCB Pad Layout
Component Side View
1.27
2.61
109.22
114.44
8.89
27.94
13.97
2.54
1.27
Suggested PCB Pad Layout
Component Side View
7.87
1.27
2.61
109.22
114.44
8.89
27.94
13.97
2.54
1.27
Left LED
Right LED
Port A
Port H
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
0.4x0.4
J1
J8
J1
J8
J1
J8
J1
J8
J1
J8
J1
J8
J1
J8
J1
J8
Ø0.89 x64
Ø1.57 x5
Ø3.20 x2
Ø1.02 x32
Ø0.89 x64
Ø1.57 x5
Ø3.20 x3
1A
1B
1C
1D
1E
1F
1G
1H
1A
1B
1C
1D
1E
1F
1G
1H
P12
P11
P10
P9
P12
P11
P10
P9
P12
P11
P10
P9
P12
P11
P10
P9
P12
P11
P10
P9
P10
P9
P12
P11
P12
P11
P1
P2
P7
P8
P1
P2
P7
P8
P1
P2
P7
P8
21.59
0.20
6.35
10.29
10.85
3.68
21.59
0.20
2.29
3.05
6.35
10.29
10.85
2.54
2.54
CTRJM22S8NNxxxxB
CTRJM22S8GYxxxxB
CTRJM Series
CTRJM22S8xxxxxxx


Similar Part No. - CTRJM26S1NN0812A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJG CT-CTRJG Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
CTRJG26D11001A CT-CTRJG26D11001A Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
CTRJG26D11002A CT-CTRJG26D11002A Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
CTRJG26D11003A CT-CTRJG26D11003A Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
CTRJG26D1D1001A CT-CTRJG26D1D1001A Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJM26S1NN0812A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJG CT-CTRJG Datasheet
1Mb / 20P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com