Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LPE185PW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LPE185PW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LPE185PW Datasheet(HTML) 5 Page - Texas Instruments

  SN75LPE185PW Datasheet HTML 1Page - Texas Instruments SN75LPE185PW Datasheet HTML 2Page - Texas Instruments SN75LPE185PW Datasheet HTML 3Page - Texas Instruments SN75LPE185PW Datasheet HTML 4Page - Texas Instruments SN75LPE185PW Datasheet HTML 5Page - Texas Instruments SN75LPE185PW Datasheet HTML 6Page - Texas Instruments SN75LPE185PW Datasheet HTML 7Page - Texas Instruments SN75LPE185PW Datasheet HTML 8Page - Texas Instruments SN75LPE185PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN75LPE185
LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS
WITH ENABLE
SLLS256D – DECEMBER 1996 – REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
supply currents over the recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No load,
VDD = 9 V, VSS = –9 V, EN at GND,
See Note 5
1000
ICC
Supply current for VCC
All inputs at
minimum VOH
VDD = 12 V, VSS = –12 V, EN at GND
1000
µA
CC
y
CC
minimum VOH
or maximum VOL
EN, MODE at VCC
650
µ
or maximum VOL
EN at VCC, MODE at GND
700
No load,
VDD = 9 V, VSS = –9 V, EN at GND,
See Note 5
800
IDD
Supply current for VDD
All inputs at
minimum VOH
VDD = 12 V, VSS = –12 V, EN at GND
800
µA
DD
y
DD
minimum VOH
or maximum VOL
EN, MODE at VCC
20
µ
or maximum VOL
EN at VCC, MODE at GND
20
No load,
VDD = 9 V, VSS = –9 V, EN at GND,
See Note 5
–625
ISS
Supply current for VSS
All inputs at
minimum VOH
VDD = 12 V, VSS = –12 V, EN at GND
–625
µA
SS
y
SS
minimum VOH
or maximum VOL
EN, MODE at VCC
–50
µ
OL
EN at VCC, MODE at GND
–50
NOTE 5: Minimum RS-232 driver output voltages are not attained with
±5-V supplies.
driver electrical characteristics over the recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level
VI = 0.8 V, RL = 3 kΩ,
VDD = 9 V, VSS = –9 V, EN at GND,
See Note 5
5
5.8
6.6
V
VOH
g
output voltage
I
,
L
,
See Figure 1
VDD = 12 V, VSS = –12 V,
EN at GND, See Note 6
5
5.8
6.6
V
VOL
Low-level
VI = 2 V, RL = 3 K,
VDD = 9 V, VSS = –9 V, EN at GND,
See Note 5
–5
–5.8
–6.9
V
VOL
output voltage
I
,
L
,
See Figure 1
VDD = 12 V, VSS = –12 V,
EN at GND, See Note 6
–5
–5.8
–6.9
V
IIH
High-level input current
VI at VCC
1
µA
IIL
Low-level input current
VI at GND
–1
µA
IOZ
High-impedance
output current
VCC = 5 V,
VDD = 12 V, VSS = –12 V,
–5 V
≤ VO ≤ 5 V
±100
µA
IOS(H)
Short-circuit high-level
output current
VO = GND or VSS,
See Figure 2 and Note 7
–30
–55
mA
IOS(L)
Short-circuit low-level
output current
VO = GND or VSS,
See Figure 2 and Note 7
30
55
mA
ro
Output resistance
VDD = VSS = VCC = 0,
VO = 2 V
300
NOTES:
5. Minimum RS-232 driver output voltages are not attained with
±5-V supplies.
6. Maximum output swing is limited to
±5.5 V to enable the higher data rates associated with this device and to reduce EMI emissions.
7. Not more than one output should be shorted at one time.


Similar Part No. - SN75LPE185PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185PWR TI-SN75LPE185PWR Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185PWRE4 TI-SN75LPE185PWRE4 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
More results

Similar Description - SN75LPE185PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185 TI-SN75LPE185_06 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com