Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LPE185PW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LPE185PW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LPE185PW Datasheet(HTML) 1 Page - Texas Instruments

  SN75LPE185PW Datasheet HTML 1Page - Texas Instruments SN75LPE185PW Datasheet HTML 2Page - Texas Instruments SN75LPE185PW Datasheet HTML 3Page - Texas Instruments SN75LPE185PW Datasheet HTML 4Page - Texas Instruments SN75LPE185PW Datasheet HTML 5Page - Texas Instruments SN75LPE185PW Datasheet HTML 6Page - Texas Instruments SN75LPE185PW Datasheet HTML 7Page - Texas Instruments SN75LPE185PW Datasheet HTML 8Page - Texas Instruments SN75LPE185PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN75LPE185
LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS
WITH ENABLE
SLLS256D – DECEMBER 1996 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single-Chip RS-232 Interface for IBM™ PC™
Compatible Serial Port
D Designed to Transmit and Receive 4-µs Pulses
(Equivalent to 256 kbit/s)
D Standby Power Is Less Than 750 µW Maximum
D Wide Supply-Voltage Range . . . 4.75 V to 15 V
D Driver Output Slew Rates Are Internally
Controlled to 30-V/
µs Maximum
D RS-232 Bus-Pin ESD Protection Exceeds:
– 15 kV, Human-Body Model
– 8-kV IEC1000-4-2, Contact
– 15-kV IEC1000-4-2, Air Gap
D Receiver Input Hysteresis . . . 1000 mV Typical
D Three Drivers and Five Receivers Meet or
Exceed the Requirements of TIA/EIA-232-F and
ITU v.28 Standards
D Complements the SN75LP196
D One Receiver Remains Active During WAKE-UP
Mode (100
µA Maximum)
D Matches the Flow-Through Pinout of the
Industry-Standard SN75185, SN75C185, and
SN75LP185, With Additional Control Pins
D Package Options Include Plastic Shrink
Small-Outline (DB), Small-Outline (DW), Thin
Shrink Small-Outline (PW), and Standard
Plastic (NT) DIPs
description
The SN75LPE185 is a low-power bipolar device containing three drivers and five receivers, with 15-kV ESD
protection on the bus pins, with respect to each other. Bus pins are defined as those pins that tie directly to the
serial-port connector, including GND. The pinout matches the flow-through design of the industry-standard
SN75185, SN75C185, and SN75LP185, with the addition of four pins for control signals. The flow-through
pinout of the device allows easy interconnection of the UART and serial-port connector of the IBM PC
compatibles. The SN75LPE185 provides a rugged, low-cost solution for this function with the combination of
bipolar processing and 15-kV ESD protection.
The SN75LPE185 has an internal slew-rate control to provide a maximum rate of change in the output signal
of 30 V/
µs. The driver output swing is clamped at ±6 V to enable the higher data rates associated with this device
and reduce EMI emissions. Although the driver outputs are clamped, the outputs can handle voltages up to
±15 V without damage.
The device has flexible control options for power management when the serial port is inactive. A common
disable for all of the drivers and receivers is provided with the active-low enable (EN) input. The mode control
(MODE) input selects between the STANDBY and WAKE-UP modes. With a low-level input on the MODE pin
and a high-level input on the EN pin, one receiver remains active while the remaining drivers and receivers are
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VDD
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
VSS
EN
MODE
VCC
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5
GND
NC
NC
DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated
IBM and PC are trademarks of International Business Machines Corporation.


Similar Part No. - SN75LPE185PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185PWR TI-SN75LPE185PWR Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185PWRE4 TI-SN75LPE185PWRE4 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
More results

Similar Description - SN75LPE185PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185 TI-SN75LPE185_06 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com