Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5386B Datasheet(PDF) 4 Page - Motorola, Inc

Part # 1N5386B
Description  5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5386B Datasheet(HTML) 4 Page - Motorola, Inc

  1N5386B Datasheet HTML 1Page - Motorola, Inc 1N5386B Datasheet HTML 2Page - Motorola, Inc 1N5386B Datasheet HTML 3Page - Motorola, Inc 1N5386B Datasheet HTML 4Page - Motorola, Inc 1N5386B Datasheet HTML 5Page - Motorola, Inc 1N5386B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-4
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
Figure 4. Typical Thermal Response
L, Lead Length = 3/8 Inch
Figure 5. Typical Thermal Resistance
Figure 6. Maximum Non-Repetitive Surge Current
versus Nominal Zener Voltage
(See Note 3)
20
10
5
2
1
0.5
0.2
0.00
1
0.00
5
0.01
0.05
0.1
0.5
1
5
10
20
50
100
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.01
D = 0
NOTE: BELOW 0.1 SECOND, THERMAL
NOTE: RESPONSE CURVE IS APPLICABLE
NOTE: TO ANY LEAD LENGTH (L).
DUTY CYCLE, D = t1/t2
SINGLE PULSE
∆ TJL = θJL(t)PPK
REPETITIVE PULSES
∆ TJL = θJL(t, D)PPK
PPK
t1
t2
t, TIME (SECONDS)
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
PRIMARY PATH OF
CONDUCTION IS THROUGH
THE CATHODE LEAD
L
L
L, LEAD LENGTH TO HEAT SINK (INCH)
40
20
10
4
2
1
0.1
0.2
0.4
3
4
6
8 10
20
30
40
60 80 100
200
*SQUARE WAVE
PW = 100 ms*
PW = 1000 ms*
PW = 1 ms*
PW = 8.3 ms*
NOMINAL VZ (V)
30
20
10
0.1
0.2
0.5
1
2
5
1
10
100
100
0
1000
100
10
1
0.1
1
2
3
4
5
6
7
8
9
10
PW, PULSE WIDTH (ms)
VZ, ZENER VOLTAGE (VOLTS)
Figure 7. Peak Surge Current versus Pulse Width
(See Note 3)
Figure 8. Zener Voltage versus Zener Current
VZ = 3.3 thru 10 Volts
VZ = 200 V
VZ = 3.3 V
PLOTTED FROM INFORMATION
GIVEN IN FIGURE 6
TC = 25°C
T = 25
°C


Similar Part No. - 1N5386B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5386B SUNMATE-1N5386B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
Pan Jit International I...
1N5386B PANJIT-1N5386B Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
logo
Motorola, Inc
1N5386B MOTOROLA-1N5386B Datasheet
149Kb / 8P
   Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
logo
First Components Intern...
1N5386B FCI-1N5386B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Frontier Electronics.
1N5386B FRONTIER-1N5386B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5386B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com