Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTSPWF-623-S Datasheet(PDF) 1 Page - Central Technologies

Part # CTSPWF-623-S
Description  Power Transformers - Standard E Single 115V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPWF-623-S Datasheet(HTML) 1 Page - Central Technologies

  CTSPWF-623-S Datasheet HTML 1Page - Central Technologies CTSPWF-623-S Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Transformers - Standard E Single 115V
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.20.06
SPECIFICATIONS
CTSPWF Standard E
Single 115V
1.1 VA - 36.0 VA
Not shown at actual size.
CHARACTERISTICS
Description: Power Transformers Standard E Single 115V
Applications: Linear Power Supplies, Equipments such as monitors and
TV Power Transformers, AC/DC adaptor, Radiogram recorder, Sounder,
Other home electronics.
Packaging: Bulk
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical information
available upon request
Features:
*High isolation - 2500V RMS Hipot is standard
*Class B insulation - 130°C
*Less Manufacturing time - no cross over of primary and secondary leads
*Secondaries are split so that they can be series or parallel connected.
*Split bobbin allows the primary and secondary to be wound
nonconcentrically (ie, side by side rather than one over the other). This has
the advantage of cost savings and superior performance.
*Variations can be made to meet special needs.
Samples available. See website for ordering information.
1.1
CTSPWF-500-S
5V @ 1.2A
10V CT @ 600 mA
CTSPWF-501-S
6.3V @ 1.0A
12.6V CT @ 500 mA
CTSPWF-502-S
8V @ 800 mA
16V CT @ 400 mA
CTSPWF-503-S
10V @ 600 mA
20V CT @ 300 mA
CTSPWF-504-S
12V @ 500 mA
24V CT @ 250 mA
CTSPWF-505-S
14V @ 400 mA
28V CT @ 200 mA
CTSPWF-506-S
18V @ 340 mA
36V CT @ 170 mA
CTSPWF-507-S
24V @ 250 mA
48V CT @ 125 mA
CTSPWF-508-S
28V @ 220 mA
56V CT @ 110 mA
CTSPWF-509-S
60V @ 100 mA
120V CT @ 50 mA
6.0
CTSPWF-610-S
5V @ 4.0A
10V CT @ 2.0A
CTSPWF-611-S
6.3V @ 3.2A
12.6V CT @ 1.6A
CTSPWF-612-S
8V @ 2.5A
16V CT @ 1.25A
CTSPWF-613-S
10V @ 2.0A
20V CT @ 1.0A
CTSPWF-614-S
12V @ 1.6A
24V CT 800 mA
CTSPWF-615-S
14V @ 1.4A
28V CT @ 700 mA
CTSPWF-616-S
18V @ 1.1A
36V CT @ 550 mA
CTSPWF-617-S
24V @ 800 mA
48V CT @ 400 mA
CTSPWF-618-S
28V @ 700 mA
56V CT @ 350 mA
CTSPWF-619-S
60V @ 320 mA
120V CT @ 160 mA
20.0
VA
CTSPWF-350-S
5V @ 220 mA
10V CT @ 110 mA
CTSPWF-351-S
6.3V @ 180 mA
12.6V CT @ 90 mA
CTSPWF-352-S
8V @ 140 mA
16V CT @ 70 mA
CTSPWF-353-S
10V @ 110 mA
20V CT @ 55 mA
CTSPWF-354-S
12V @ 90 mA
24V CT @ 45 mA
CTSPWF-355-S
14V @ 80 mA
28V CT @ 40 mA
CTSPWF-356-S
18V @ 60 mA
36V CT @ 30 mA
CTSPWF-357-S
24V @ 46 mA
48V CT @ 23 mA
CTSPWF-358-S
28V @ 40 mA
56V CT @ 20 mA
CTSPWF-359-S
60V @ 20 mA
120V CT @ 10 mA
Part Numbers
PARALLEL
SERIES
CTSPWF-400-S
5V @ 500 mA
10V CT @ 250 mA
CTSPWF-401-S
6.3V @ 400 mA
12.6V CT @ 200 mA
CTSPWF-402-S
8V @ 300 mA
16V CT @ 150 mA
CTSPWF-403-S
10V @ 240 mA
20V CT @ 120 mA
CTSPWF-404-S
12V @ 200 mA
24V CT @ 100 mA
CTSPWF-405-S
14V @ 170 mA
28V CT @ 85 mA
CTSPWF-406-S
18V @ 130 mA
36V CT @ 65 mA
CTSPWF-407-S
24V @ 100 mA
48V CT @ 50 mA
CTSPWF-408-S
28V @ 90 mA
56V CT @ 45 mA
CTSPWF-409-S
60V @ 40 mA
120V CT @ 20 mA
2.4
CTSPWF-600-S
5V @ 2.4A
10V CT @ 1.2A
CTSPWF-601-S
6.3V @ 2.0A
12.6V CT @ 1.0A
CTSPWF-602-S
8V @ 1.6A
16V CT @ 800 mA
CTSPWF-603-S
10V @ 1.2A
20V CT @ 600 mA
CTSPWF-604-S
12V @ 1.0A
24V CT @ 500 mA
CTSPWF-605-S
14V @ 840 mA
28V CT @ 420 mA
CTSPWF-606-S
18V @ 700 mA
36V CT @ 350 mA
CTSPWF-607-S
24V @ 500 mA
48V CT @ 250 mA
CTSPWF-608-S
28V @ 440 mA
56V CT @ 220 mA
CTSPWF-609-S
60V @ 200 mA
120V CT @ 100 mA
12.0
CTSPWF-620-S
5V @ 7.2A
10V CT @ 3.6A
CTSPWF-621-S
6.3V @ 5.7A
12.6V CT @ 2.85A
CTSPWF-622-S
8V @ 4.5A
16V CT @ 2.25A
CTSPWF-623-S
10V @ 3.6A
20V CT @ 1.8A
CTSPWF-624-S
12V @ 3.0A
24V CT @ 1.5A
CTSPWF-625-S
14V @ 2.6A
28V CT @ 1.3A
CTSPWF-626-S
18V @ 2.0A
36V CT @ 1.0A
CTSPWF-627-S
24V @ 1.5A
48V CT @ 750 mA
CTSPWF-628-S
28V @ 1.3A
56V CT @ 650 mA
CTSPWF-629-S
60V @ 600 mA
120V CT @ 300 mA
36.0
RoHS
Compliant


Similar Part No. - CTSPWF-623-S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPWF-623-D CT-CTSPWF-623-D Datasheet
180Kb / 2P
   Power Transformers - Standard E Dual 115V
More results

Similar Description - CTSPWF-623-S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPWF-D CT-CTSPWF-D Datasheet
180Kb / 2P
   Power Transformers - Standard E Dual 115V
logo
Rhombus Industries Inc.
T-60100 RHOMBUS-IND-T-60100 Datasheet
26Kb / 1P
   Standard EI PC Power Transformers
logo
First Components Intern...
FBM12-10 FCI-FBM12-10 Datasheet
40Kb / 1P
   12VA Dual Primary 115V-230V, 50/60HZ Transformers
logo
XFMRS Inc.
XF-16P-117 XFMRS-XF-16P-117 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
1027 XFMRS-1027_15 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
1027 XFMRS-1027 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com