Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT94F-251K-K Datasheet(PDF) 1 Page - Central Technologies

Part # CT94F-251K-K
Description  High Current Power Toroids
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT94F-251K-K Datasheet(HTML) 1 Page - Central Technologies

  CT94F-251K-K Datasheet HTML 1Page - Central Technologies CT94F-251K-K Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toroids - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.10.07
SPECIFICATIONS
Parts are marked to indicate tolerance available.
K = ±10%, L = ±15%, M = ±20%
Inductance
L Test
Rated DC
Dia.
Width
Wire
Optional Klip
Part Number
(µH)
Freq. (kHz)
(A)
(mm)
(mm)
(AWG)
Mount
CT30F-100K-_
10
1.0
2.5
10.5
5.5
24
KM-1
CT44F-100K-_
10
1.0
3.0
14.2
8.5
20
KM-2
CT44F-121K-_
120
1.0
1.1
14.2
7.5
23
KM-2
CT44F-102K-_
1000
1.0
.50
14.2
6.0
30
KM-2
CT50F-5R0K-_
5.0
1.0
5.0
15.2
7.6
18
KM-3
CT50F-100K-_
10
1.0
3.0
16.5
8.5
18
KM-3
CT50F-250K-_
25
1.0
2.5
13.5
6.5
23
KM-2
CT50F-101K-_
100
1.0
2.0
15.5
8.5
22
KM-3
CT50F-251K-_
250
1.0
1.0
16.0
8.0
24
KM-2
CT50F-102K-_
1000
1.0
1.0
16.5
9.0
26
KM-3
CT60F-331K-_
330
1.0
2.5
19.0
9.5
24
KM-3
CT67F-250K-_
25
1.0
5.5
22.0
11.0
18
KM-3
CT67F-500K-_
50
1.0
5.0
21.0
13.0
18
KM-3
CT67F-101K-_
100
1.0
2.5
20.0
8.5
23
KM-3
CT68F-100K-_
10
1.0
6.0
20.8
8.2
18
KM-4
CT68F-250K-_
25
1.0
5.0
21.0
8.2
18
KM-4
CT68F-500K-_
50
1.0
3.0
22.0
10.0
19
KM-4
CT72F-251K-_
250
1.0
1.0
21.5
9.0
21
KM-4
CT77F-501K-_
500
1.0
2.0
23.7
11.0
22
KM-4
CT80F-250K-_
25
1.0
6.0
28.0
9.5
16
KM-4
CT80F-101K-_
100
1.0
5.0
25.0
12.0
18
KM-4
CT80F-251K-_
250
1.0
3.0
25.0
12.0
20
KM-5
CT80F-961K-_
960
1.0
1.0
24.0
11.0
25
KM-5
CT80F-822M-_
8200
1.0
1.0
24.0
12.0
20
KM-5
CT94F-100M-_
10
1.0
5.0
27.9
12.7
17
KM-5
CT94F-251K-_
250
1.0
5.0
29.0
13.0
18
KM-5
CT94F-501K-_
500
1.0
6.0
29.0
15.5
18
KM-5
CT94F-751K-_
750
1.0
4.5
30.5
12.7
19
KM-5
CT94F-102K-_
1000
1.0
4.0
29.2
15.0
20
KM-5
CT106F-500K-_
50
1.0
7.0
33.0
16.0
15
KM-5
CT106F-101K-_
100
1.0
5.0
33.5
17.5
16
KM-5
CT106F-201K-_
200
1.0
3.0
32.0
14.0
22
CT106F-471K-_
470
1.0
6.0
35.0
21.0
16
CT130F-121K-_
120
1.0
10.0
42.0
21.0
12
CT130F-251M-_
250
1.0
8.0
40.0
20.0
14
CT130F-561M-_
560
1.0
5.0
36.8
22.2
18
CT141F-100K-_
10
1.0
10.0
44.0
18.0
12
High Current
Power Toroids
CHARACTERISTICS
Description: Vertical or Horizontal toroid inductor
Applications: EMI/RFI filter and heavy duty applications
Operating Temperature: -20°C to +80°C
Inductance Tolerance: ±10%, ±15% & ±20%
Inductance Ranges: 0.5 µH to 10.0 µH
Testing: Tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack
Material: Iron powder or ferrite cores
Current Capabilities: 0.5 A to 10.0 A
Optional Tape: UL glass tape
Styles: Vertical, Horizontal & Klip Mount
How to order CT Toroids:
Vertical Mount w/ Tape: CT30-100K-TV
Horizontal Mount w/ Tape: CT30-100K-TH
Toroid w/ Base: CTB30-100K
Vertical or Horizontal Toroids w/ no Tape: Only add V or H
Miscellaneous: RoHS Compliant. Detailed specification sheets
are available
upon request
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
This is a representation of some of the more common toroid
series types we produce. For values or sizes not shown ask
for a specific requirement.
Not shown at actual size.
RoHS
Compliant


Similar Part No. - CT94F-251K-K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CT9475X0100A2 VISHAY-CT9475X0100A2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9476X0010A2 VISHAY-CT9476X0010A2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9476X0100C2 VISHAY-CT9476X0100C2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9476X0125C2 VISHAY-CT9476X0125C2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9477X0040D2 VISHAY-CT9477X0040D2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results

Similar Description - CT94F-251K-K

ManufacturerPart #DatasheetDescription
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
   Surface Mount High Current Power Toroids
HTPT66R API-HTPT66R_10 Datasheet
100Kb / 1P
   High Temperature Power Toroids
HTPT66-391K API-HTPT66-391K Datasheet
491Kb / 1P
   High Temperature Power Toroids
logo
Fair-Rite Products Corp...
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
   Toroids
5968001801 FAIR-RITE-5968001801 Datasheet
1Mb / 2P
   Toroids
5968003801 FAIR-RITE-5968003801 Datasheet
1Mb / 2P
   Toroids
5943002701 FAIR-RITE-5943002701 Datasheet
1Mb / 2P
   Toroids
5961001921 FAIR-RITE-5961001921 Datasheet
1Mb / 2P
   Toroids
5961003821 FAIR-RITE-5961003821 Datasheet
1Mb / 2P
   Toroids
5943000501 FAIR-RITE-5943000501 Datasheet
1Mb / 2P
   Toroids
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com