Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT130F-561M-K Datasheet(PDF) 2 Page - Central Technologies

Part # CT130F-561M-K
Description  High Current Power Toroids
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT130F-561M-K Datasheet(HTML) 2 Page - Central Technologies

  CT130F-561M-K Datasheet HTML 1Page - Central Technologies CT130F-561M-K Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toroids - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
High Current
Power Toroids
Klip
AWG
Mount #
Length
Width
Sizes
KM-1
14.7
8.6
21-24
KM-2
16.5
11.4
18-24
KM-3
21.0
11.4
18-24
KM-4
24.1
15.2
17-22
KM-5
31.7
17.7
17-22
PHYSICAL DIMENSIONS
Use images to left.
Minimum
Maximum
Series Number
(mm)
(mm)
CT30F
9.80 D / 5.50 W
10.5 D / 5.50 W
CT44F
14.0 D / 6.00 W
14.7 D / 8.50 W
CT50F
14.0 D / 6.50 W
17.0 D / 10.5 W
CT60F
18.0 D / 8.50 W
21.0 D / 11.4 W
CT67F
20.0 D / 8.50 W
22.0 D / 13.0 W
CT68F
20.8 D / 8.20 W
22.0 D / 10.0 W
CT72F
19.0 D / 7.20 W
21.6 D / 11.0 W
CT77F
23.7 D / 10.5 W
30.0 D / 12.7 W
CT80F
23.0 D / 10.0 W
30.0 D / 14.0 W
CT94F
27.5 D / 12.7 W
31.7 D / 15.8W
CT106F
31.0 D / 13.0 W
35.5 D / 17.7 W
CT130F
36.0 D / 14.5 W
42.0 D / 22.2 W
CT141F
43.5 D / 17.0 W
47.0 D / 23.0 W
D
D
W
W
Vertical Toroid (taped)
Horizontal Toroid (taped)
Klip Mount Toroid
*See klip mount size chart
05.10.07


Similar Part No. - CT130F-561M-K

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT130 COTO-CT130 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 400V Maximum
CT130 COTO-CT130_14 Datasheet
633Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - CT130F-561M-K

ManufacturerPart #DatasheetDescription
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
   Surface Mount High Current Power Toroids
HTPT66R API-HTPT66R_10 Datasheet
100Kb / 1P
   High Temperature Power Toroids
HTPT66-391K API-HTPT66-391K Datasheet
491Kb / 1P
   High Temperature Power Toroids
logo
Fair-Rite Products Corp...
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
   Toroids
5968001801 FAIR-RITE-5968001801 Datasheet
1Mb / 2P
   Toroids
5968003801 FAIR-RITE-5968003801 Datasheet
1Mb / 2P
   Toroids
5943002701 FAIR-RITE-5943002701 Datasheet
1Mb / 2P
   Toroids
5961001921 FAIR-RITE-5961001921 Datasheet
1Mb / 2P
   Toroids
5961003821 FAIR-RITE-5961003821 Datasheet
1Mb / 2P
   Toroids
5943000501 FAIR-RITE-5943000501 Datasheet
1Mb / 2P
   Toroids
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com