Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2289-45 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2289-45
Description  Lowpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2289-45 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2289-45 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2289-45
0.5 dB/div
100 KHz
45 MHz
100 KHz
100 MHz
10 dB/DIV
KR Part Number
2289-45
Filter Type
Lowpass
Insertion Loss
< 1 dB
End of Passband < 4 dB
45 MHz
Start of Stopband >45 dB
51.98 MHz
Source and Load Impedance
50
Specifications
Passband Amplitude & Group Delay
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2289-45

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2289-150 KR-2289-150 Datasheet
17Kb / 1P
   Lowpass Filter
2289-32 KR-2289-32 Datasheet
18Kb / 1P
   Lowpass Filter
2289-65 KR-2289-65 Datasheet
18Kb / 1P
   Lowpass Filter
2289-71 KR-2289-71 Datasheet
18Kb / 1P
   Lowpass Filter
2289-75 KR-2289-75 Datasheet
18Kb / 1P
   Lowpass Filter
More results

Similar Description - 2289-45

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
   Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
   Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com