Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2304-F Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2304-F
Description  Video Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2304-F Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2304-F Datasheet HTML 1Page - KR Electronics, Inc. 2304-F Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2002, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
Insertion Loss
< 1dB (0.4 dB typ)
Passband Ripple to 5.75 MHz
< 0.10 dB (< 0.05 dB typ)
Group Delay Ripple to 5.75 MHz
< 5 nsec
Approximate Absolute Group Delay
82 nsec
Attenuation at 20.25 MHz
> 45 dB (>50 dB typ)
Source & Load
150
KR 2304
KR 2304
KR 2304
KR 2304----F Video Filter
F Video Filter
F Video Filter
F Video Filter
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Pin 1 is Input
Pin 8 is Output
Pins 2 thru 7 are Ground
Pin dimensions .010” x .020”
Tolerance ± 0.010
All Dimensions Shown in inches


Similar Part No. - 2304-F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2304-RC BOURNS-2304-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2304-F

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
   Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
   Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
   Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
   Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
   Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
   Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
   Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
   Video Filter
2438 KR-2438 Datasheet
26Kb / 2P
   Video Filter
2465 KR-2465 Datasheet
23Kb / 2P
   Video Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com