Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMCC0805CTN160150 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMCC0805CTN160150
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCC0805CTN160150 Datasheet(HTML) 1 Page - Central Technologies

  CTMCC0805CTN160150 Datasheet HTML 1Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 2Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 3Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 4Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 5Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 6Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 7Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 8Page - Central Technologies CTMCC0805CTN160150 Datasheet HTML 9Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Multilayer Ceramic Capacitors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTMCC Series
CTMCC
1
2
3 4 5
6
7
0603 J T N
3R9
250
Not shown at actual size.
- Wide capacitance range, extremely compact size.
- Low inductance of capacitor for high frequency application.
- Excellent solderability and resistance to soldering heat, suitable
for flow and reflow soldering.
- Adaptable to high-speed surface mount assembly
- Conforms to EIA-RC3402, and also compatible with EIA-RS198
and IEC PUB. 384-10
02.26.07
FEATURES
PART NUMBERING
1. Product Type
Product Type
CTMCC
General Capacitors, Ultra-small Capacitors,
Middle and High Voltage Capacitors
2. Dimensions (LxW)
EIA
Dimensions(LxW)
0201
0.6x0.3mm
0402
1.0x0.5mm
0603
1.6x0.8mm
0805
2.0x1.25mm
1206
3.2x1.6mm
1210
3.2x2.5mm
1808
4.5x2.03mm
1812
4.5x3.2mm
3. Capacitance Tolerance
Codes
Capacitance Tolerance
4. Packaging
Codes
Type
T
Tape & Reel
5. Dielectric
Codes
Type
N
COG(NPO)
B
X7R
F
Y5V
X
X5R
S
X6S
6. Voltage
Codes
Voltage
6V3
6.3V
100
10V
160
16V
250
25V
500
50V
101
100V
102
1000V
202
2000V
302
3000V
7. Capacitance
Codes
Capacitance
3R9
3.9pF
150
15pF
181
180pF
225
2.2µF
476
47µF
RoHS
Compliant
NPO
X7R
Y5V
B
±0.1pF (cap
≤≤5pF)
v
C
±0.25pF (cap
≤≤5pF)
v
D
±0.5pF (5pF<Cap<10pF) v
F
±1.0%
v
G
±2.0%
v
J
±5.0%
v
v
K
±10%
v
v
M
±20%
v
v
Z
-20%/+80%
v
*Storage Temperature: 25±3°C; >80%RH
Termination: Ag/Ni/Sn for NPO dielectric
Cu/Ni/Sn for X7R, Y5V, X5R and X5S dielectric


Similar Part No. - CTMCC0805CTN160150

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1008 CT-CTMC1008 Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-100M CT-CTMC1008-100M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-101M CT-CTMC1008-101M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-120M CT-CTMC1008-120M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-150M CT-CTMC1008-150M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMCC0805CTN160150

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com