Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1591CPS Datasheet(PDF) 8 Page - Texas Instruments

Part # TL1591CPS
Description  192-165-pixel ccd image sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1591CPS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL1591CPS Datasheet HTML 4Page - Texas Instruments TL1591CPS Datasheet HTML 5Page - Texas Instruments TL1591CPS Datasheet HTML 6Page - Texas Instruments TL1591CPS Datasheet HTML 7Page - Texas Instruments TL1591CPS Datasheet HTML 8Page - Texas Instruments TL1591CPS Datasheet HTML 9Page - Texas Instruments TL1591CPS Datasheet HTML 10Page - Texas Instruments TL1591CPS Datasheet HTML 11Page - Texas Instruments TL1591CPS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
100%
90%
10%
0%
tr
tf
VIH min
VIL max
tr = 25 ns, tf = 30 ns
Figure 4. Typical Clock Waveform for SRG
– 8.5 V
1.5 V to 2.5 V
– 8.5 V to – 10 V
0%
15 ns
10 ns
t
CCD Delay
SRG
OUT
90%
100%
Sample
and
Hold
Figure 5. SRG and OUT Waveforms


Similar Part No. - TL1591CPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1591CPSLE TI1-TL1591CPSLE Datasheet
226Kb / 11P
[Old version datasheet]   SAMPLE-AND-HOLD CIRCUIT FOR CCD IMAGERS
More results

Similar Description - TL1591CPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
[Old version datasheet]   192- x 165-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com