Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRJG31S1D1002A Datasheet(PDF) 11 Page - Central Technologies

Part # CTRJG31S1D1002A
Description  Integrated RJ45 Magnetic Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG31S1D1002A Datasheet(HTML) 11 Page - Central Technologies

Back Button CTRJG31S1D1002A Datasheet HTML 7Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 8Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 9Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 10Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 11Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 12Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 13Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 14Page - Central Technologies CTRJG31S1D1002A Datasheet HTML 15Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
MECHANICAL
Suggested PCB Pad Layout
Component Side View
EMI Fingers
Ø1.02 x32
Ø0.89 x80
Ø1.58 x9
Ø3.20 x2
0.50x0.50
0.30x0.40
P12
P11
P1
A
1A
1A
1
1H
1B
1C
1D
1E
1F
1G
Port H
EMI Fingers
Right LED
Left LED
Port A
J1
J8
J1
1
J
8
J1
J
8
J1
J
8
J1
J
8
J1
J
8
J1
J
8
JJ8
25.89
10.85
3.05
6.36
115.06
83.82
97.79
114.81
P9
P2
P10
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P1
P9
P2
P10
109.22
114.81
12.07
13.97
13.97
13.97
13.97
13.97
13.97
2.54
1.27
95.89
13.34x2
2.80
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
14.47
13.11x6
115.63
PANEL CUTOUT
0.86
CTRJG Series
CTRJG26S8xxxxxxx


Similar Part No. - CTRJG31S1D1002A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1026 CT-CTRJGU27S1GU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1033 CT-CTRJGU27S1GU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1026 CT-CTRJGU27S1NU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1033 CT-CTRJGU27S1NU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJG31S1D1002A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJM CT-CTRJM Datasheet
907Kb / 10P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com