Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMFCR0207CTNU0100 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMFCR0207CTNU0100
Description  Metal Film, Cylindrical Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMFCR0207CTNU0100 Datasheet(HTML) 1 Page - Central Technologies

  CTMFCR0207CTNU0100 Datasheet HTML 1Page - Central Technologies CTMFCR0207CTNU0100 Datasheet HTML 2Page - Central Technologies CTMFCR0207CTNU0100 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Metal Film, Cylindrical Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTMFCR Series
CTMFCR
1
2
3 4 5 6
7
0204 J T D
1002
U
Not shown at actual size.
- Advanced thin film technology.
- Excellent overall stability: Class 0.25
- Force fitted steel caps, tin plated on nickel barrier.
- Pure Sn termination on Ni barrier layer.
- Compatible with lead (Pb)-free and lead containing solering
processes.
- Lead (Pb)-free and RoHS compliant
- Military
- Automotive
- Telecommunication
- Medical equipment
- Avionics
- Space
05.05.08
FEATURES
APPLICATIONS
PART NUMBERING
1. Product Type
Product Type
CTMFCR
Metal Film Resistor
2. Dimensions (LxW)
EIA
Dimensions(LxW)
0204
3.45x1.35mm
0207
5.90x2.20mm
3. Resistance Tolerance
Codes
Resistance Tolerance
Q
±0.02%
A
±0.05%
B
±0.10%
C
±0.25%
D
±0.50%
F
±1.00%
J
±5.00%
4. Packaging
Code
Type
T
Tape & Reel
5. TCR
Codes
Type
B
±10 PPM/°C
N
±15 PPM/°C
C
±25 PPM/°C
D
±50 PPM/°C
E
±100 PPM/°C
6. Power Rating
Codes
Type
T1W
U
1/2W
V
1/4W
7. Resistance
Codes
Type
R100
0.10
Ω
Ω
0100
10.0
Ω
Ω
2201
2200
Ω
Ω
1002
10000
Ω
Ω
4992
49900
Ω
Ω
1003
100000
Ω
Ω
1004
1000000
Ω
Ω
RoHS
Compliant
Tape & Reel QTY’s
CTMFCR0204 = 3000pcs per reel
CTMFCR0207 = 2000pcs per reel


Similar Part No. - CTMFCR0207CTNU0100

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
   CT PROTECTOR
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
   DIRECTIONAL COUPLERS
CTM-10M-1.25G MERRIMAC-CTM-10M-1.25G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-12G MERRIMAC-CTM-10M-12G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-2.5G MERRIMAC-CTM-10M-2.5G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTMFCR0207CTNU0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
   Carbon Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com