Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMCC0201DTF160150 Datasheet(PDF) 2 Page - Central Technologies

Part # CTMCC0201DTF160150
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCC0201DTF160150 Datasheet(HTML) 2 Page - Central Technologies

  CTMCC0201DTF160150 Datasheet HTML 1Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 2Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 3Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 4Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 5Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 6Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 7Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 8Page - Central Technologies CTMCC0201DTF160150 Datasheet HTML 9Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Multilayer Ceramic Capacitors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DIMENSIONS & PACKAGING
L
W
T
MB
MB
Paper tape
Plastic tape
0201 (0603)
0.6±0.03
0.3±0.03
0.3±0.03
L
0.15±0.05
15K
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
0.25
+0.05 / -0.10
10K
1.60±0.10
0.80±0.10
0.80±0.07
S
4K
1.60
+0.15 / -0.10
0.80
+0.15 / -0.10
0.80
+0.05 / -0.10
K
0.60±0.10
A
4K
0.80±0.10
B
4K
1.25±0.10
D
3K
2.00±0.20
1.25±0.20
1.25±0.20
I
3K
0.80±0.10
B
4K
0.95±0.10
C
3K
1.15±0.15
J
3K
1.25±0.10
D
3K
1.60±0.20
1.60±0.20
G
2K
0.95±0.10
C
3K
1.25±0.10
D
3K
1.60±0.20
G
2K
2.00±0.20
K
1K
2.50±0.30
M
1K
1.25±0.10
D
2K
2.00±0.20
K
1K
1.25±0.10
D
1K
2.00±0.20
K
1K
* For Middle and High Voltage Capacitors
Packaging (7" Reel)
0.40±0.15
0603 (1608)
SIZE
Inch (mm)
L
(mm)
W
(mm)
T / Symbol
(mm)
MB
0.50±0.20
1.25±0.10
2.00±0.15
0805 (2012)
3.20
+0.30 / -0.10
2K
0.60±0.20
P
1.60
+0.30 / -0.10
1206 (3216)
0.75±0.25
2.50±0.20
2.50±0.30
3.20±0.30
3.20±0.40
1210 (3225)
1.60±0.15
1.60
+0.30 / -0.10
3.20±0.15
0.50±0.25*
2.03±0.25
4.50±0.40
1808 (4520)
0.75±0.25
0.50±0.25*
3.20±0.30
4.50±0.40
1812 (4532)
4
X
CTMCC Series
02.26.07


Similar Part No. - CTMCC0201DTF160150

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1008 CT-CTMC1008 Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-100M CT-CTMC1008-100M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-101M CT-CTMC1008-101M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-120M CT-CTMC1008-120M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-150M CT-CTMC1008-150M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMCC0201DTF160150

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com