Electronic Components Datasheet Search |
|
CTTKFR2512FTF1003 Datasheet(PDF) 2 Page - Central Technologies |
|
CTTKFR2512FTF1003 Datasheet(HTML) 2 Page - Central Technologies |
2 / 3 page Thick Film Chip Resistors ctparts.com Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL PHYSICAL DIMENSIONS W D1 T D1 L D2 D2 Type L W T D1 D2 CTTKFR0201 0.6±0.03 0.30±0.03 0.23±0.03 0.15±0.05 0.15±0.05 CTTKFR0402 1.0±0.05 0.50±0.05 0.35±0.05 0.20±0.10 0.25±0.10 CTTKFR0603 1.6±0.15 0.80±0.10 0.45±0.10 0.30±0.20 0.30±0.20 CTTKFR0805 2.0±0.15 1.25±0.10 0.50±0.10 0.35±0.20 0.40±0.20 CTTKFR1206 3.1±0.10 1.55±0.10 0.55±0.10 0.45±0.20 0.40±0.20 CTTKFR1210 3.1±0.10 2.55±0.10 0.55±0.10 0.50±0.20 0.50±0.20 CTTKFR2010 5.0±0.20 2.50±0.20 0.55±0.10 0.60±0.20 0.50±0.20 CTTKFR2512 6.3±0.20 3.20±0.20 0.55±0.10 0.60±0.20 0.50±0.20 CTTKFR Series 03.16.07 STANDARD ELECTRICAL SPECIFICATIONS Power Operating Max. Max. Resistance Rating Temp. Operating Overloading Tolerance Resistance TCR Type at 70°C Range Voltage Voltage (±) Range (±PPM/°C) CTTKFR0201 1/20W -55°C to +125°C 15V 30V 1% 10 Ω~1MΩ 200 5% 10 Ω~1MΩ 200 CTTKFR402 1/16W -55°C to +125°C 50V 100V 1% 1 Ω~9.76Ω 200 1% 10 Ω~1MΩ 100 5% 1 Ω~9.76Ω 200 5% 10 Ω~1MΩ 200 5% 1.1M Ω~10MΩ 200 CTTKFR0805 1/8W -55°C to +155°C 150V 300V 1% 1 Ω~9.76Ω 200 1% 10 Ω~1MΩ 100 5% 1 Ω~9.76Ω 200 5% 10 Ω~1MΩ 100 5% 1.1M Ω~10MΩ 200 CTTKFR0603 1/10W -55°C to +155°C 50V 100V 1% 1 Ω~9.76Ω 200 1% 10 Ω~1MΩ 100 5% 1 Ω~9.76Ω 200 5% 10 Ω~1MΩ 100 5% 1.1M Ω~10MΩ 200 CTTKFR1206 1/4W -55°C to +155°C 200V 400V 1% 1 Ω~9.76Ω 200 1% 10 Ω~1MΩ 100 5% 1 Ω~9.76Ω 200 5% 10 Ω~1MΩ 100 5% 1.1M Ω~10MΩ 200 CTTKFR1210 1/3W -55°C to +155°C 200V 400V 1% 1 Ω~9.76Ω 200 1% 10 Ω~1MΩ 100 5% 1 Ω~9.76Ω 200 5% 10 Ω~1MΩ 100 5% 1.1M Ω~10MΩ 200 |
Similar Part No. - CTTKFR2512FTF1003 |
|
Similar Description - CTTKFR2512FTF1003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |