Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91804-0411 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 91804-0411
Description  LaneLink??4x Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

91804-0411 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  91804-0411 Datasheet HTML 1Page - Molex Electronics Ltd. 91804-0411 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com
Order No. MUN/E060 Rev 2
Printed in Germany/5K/whp/whp/2006.06
©2006, Molex
0.50 mm (.020") Pitch
LaneLink4x Receptacle
91803 Jackscrew Receptacle
91804 Latch Receptacle
91789 EMI Rear Shield
ORDERING INFORMATION
Telecommunication and Data:
SAN (Storage Area Network) switches
RAID devices
Industry Standard organisations:
4x and 12x InfiniBand
10 Gigabit Ethernet
10 Gigabit Fiber Channel
4x Serial ATA (Jackscrew)
4x Serial Attach SCSI (Jackscrew)
Specific Applications include:
Servers
Switches
Computers
Storage Devices
Internetworking Equipment
Markets and Applications
Order No. Tray Packaging
Order No. Tape & Reel
Version
Rear Mounts
Solder Posts
Panel Mount
91803-0411
91803-8411
4x Jackscrew
No
No
No
91803-0413
91803-8413
4x Jackscrew
Yes
No
No
91803-0415
91803-8415
4x Jackscrew
No
2
No
91803-0417
91803-8417
4x Jackscrew
Yes
4
No
91804-0411
91804-8411
4x Latch
No
No
No
91804-0413
91804-8413
4x Latch
Yes
No
No
91804-0415
91804-8415
4x Latch
Yes
No
Yes
91804-0417
91804-8417
4x Latch
No
No
Yes
91804-0451
91804-8451
4x Latch
No
2
No
91804-0453
91804-8453
4x Latch
Yes
4
No
91804-0455
91804-8455
4x Latch
Yes
4
Yes
91804-0457
91804-8457
4x Latch
No
2
Yes
91789-0001
4X Rear EMI Shield (Optional)
Foam gasket option also available.
Optional EMI rear shield (91789), Latch locking panel (91532)
and Jackscrew standoffs (91619) ordered separately.
Contact your local sales office
Server


Similar Part No. - 91804-0411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91804-0410 MOLEX-91804-0410 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
91804-0412 MOLEX-91804-0412 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
91804-0414 MOLEX-91804-0414 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
91804-0416 MOLEX-91804-0416 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
More results

Similar Description - 91804-0411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91803-0410 MOLEX-91803-0410 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
74527-3001 MOLEX-74527-3001 Datasheet
725Kb / 2P
   LaneLink??4X Cable Assemblies
74506 MOLEX-74506 Datasheet
100Kb / 2P
   0.50mm (.020?? Pitch LaneLink??4x and 12x Cable Assemblies
logo
Japan Aviation Electron...
DG1R025HS1 JAE-DG1R025HS1 Datasheet
208Kb / 1P
   4X RECEPTACLE
logo
Molex Electronics Ltd.
74526-1001 MOLEX-74526-1001 Datasheet
346Kb / 2P
   LaneLink??10GBASE-CX4 Cable Assemblies
0916190001 MOLEX11-0916190001 Datasheet
99Kb / 2P
   LaneLink Standoff, M2-by-0.45mm Internal Thread
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
Molex Electronics Ltd.
1001710100 MOLEX-1001710100 Datasheet
540Kb / 7P
   HD 4X RAD TO HD 4X STR
2018/07/11
logo
List of Unclassifed Man...
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
   NEMA 4X ENCLOSURE
logo
ADL Embedded Solutions
MSM4E104EX ADL-MSM4E104EX Datasheet
209Kb / 1P
   4x 1Gb LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com