Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300410030 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1300410030
Description  Brad짰 Foundation Fieldbus Cordsets and Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300410030 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1300410030 Datasheet HTML 1Page - Molex Electronics Ltd. 1300410030 Datasheet HTML 2Page - Molex Electronics Ltd. 1300410030 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APPLICATIONS
Brad® Foundation Fieldbus
Cordsets and Receptacles
130041 Mini-Change® FF
Cordsets
130042 Micro-Change® FF
Cordsets
130040 Micro-Change &
Mini-Change FF
Receptacles
130045 Micro-Change &
Mini-Change Tees
130044 Micro-Change &
Mini-Change Field
Attachables
n
Oil & Gas Production and Transportation Facilities
n
Oil Refineries
n
Petrochemical Complexes
n
Chemical Production Plants
n
Waste-Water Processing Plants
n
Pharmaceutical Manufacturing
n
Food & Beverage Processing
Foundation Fieldbus is commonly found in the following Process Automation implementations:
SAP Material #
Engineering Part # **
Description
Sample Plant No.
Single Ended Cordsets
Fem-Str
1300410016
104000D09M0208
MC 4P FP STR SS316 CNUT #18-2 FF Cable – 2M
3313
1300410017
104000D09M0508
MC 4P FP STR SS316 CNUT #18-2 FF Cable – 5M
N/A
1300410018
104000D09M1008
MC 4P FP STR SS316 CNUT #18-2 FF Cable – 10M
Fem-90D
1300410019
104001D09M0208
MC 4P FP 90 SS316 CNUT #18-2 FF Cable – 2M
N/A
1300410020
104001D09M0508
MC 4P FP 90 SS316 CNUT #18-2 FF Cable – 5M
1300410021
104001D09M1008
MC 4P FP 90 SS316 CNUT #18-2 FF Cable – 10M
Double Ended Cordsets
Female-Male
1300410028
114030D09M0068
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 0.6M
3313
Str-Str
1300410029
114030D09M0108
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 1M
N/A
1300410030
114030D09M0208
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 2M
1300410031
114030D09M0308
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 3M
1300410032
114030D09M0408
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 4M
1300410033
114030D09M0508
MC 4P M/MFE STR/STR SS316 CNUT #18-2 FF Cable – 5M
Mini-Change Cordsets with SS316 Coupling Nuts
**Available Cable Options
D07 18/3 Orange FF Shielded Cbl, w/gnd, w/drain, PVC
D08 18/3 Blue FF Shielded Cbl, w/gnd, w/drain, PVC
D09 18/2 Orange FF Shielded Cbl, w/o gnd, w/drain, PVC
D10 18/2 Blue FF Shielded Cbl, w/o gnd, w/drain, PVC
SAP Material #
Engineering Part #
Description
Sample Plant No.
Receptacles
Female
1300400013
1R4000A42M0058
MC 4P F/FR #18 1/2NPT SSS316 – 0.5M
3313
Male
1300400014
1R4006A42M0058
MC 4P MR #18 1/2NPT SS316 – 0.5M
3313
1300400015
1R4M36A42M0058
MC 4P MR #18 M20X1.5 SS316 – 0.5M
N/A
Terminator
Male
1300460004
104006FF8
Mini-Change, Male FF terminator w/ SS316 CNUT
3313
Tee
1300450002
T140140-001FF8
TEE – MC In, MC Out, MC Drop w/ SS316 CNUT
3313
Closure Caps
For Female
1302011110
65-0085SS
MC Closure Cap for Female Connector – SS w/ bead chain
3313
For Male
1302011113
65-0086SS
MC Closure Cap for Male Connector – SS w/ bead chain
3313
Field Attachable
Female
1300440001
1A4000-34FF8
MC 4P F-ATTACH STR PG 13.55 FF w SS316 CNUT
3313
Male
1300440002
1A4006-34FF8
MC 4P M-ATTACH STR PG 13.55 FF w SS316 CNUT
3313
Bulkhead Pass-Thru
Fem-Male
1300131001
1R40301
MC 4P M/MFE BULKHEAD FEED – THRU - SS
N/A
Mini-Change Receptacles and Accessories with Stainless Steel Hardware
ORDERING INFORMATION


Similar Part No. - 1300410030

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
13004 ARIES-13004 Datasheet
926Kb / 1P
   Series 800 Vertisocket w/Collet Contacts for Vertical Mounting
logo
Heyco.
13004 HEYCO-13004 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
13004 HEYCO-13004 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
logo
Molex Electronics Ltd.
1300420024 MOLEX-1300420024 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female Straight to Pigtail, 2.0m (6.56) Length, Nickel (Ni) Plated Brass Coupler, Shielded PVC Cable
02/01/2023
1300420037 MOLEX-1300420037 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), Nickel (Ni) Plated Brass Coupler, 18 AWG, Shielded PVC Cable, 1.0m (3.28) Length
02/01/2023
More results

Similar Description - 1300410030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_17 Datasheet
259Kb / 11P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
logo
Pepperl+Fuchs Inc.
KT-SRT-FF PF-KT-SRT-FF Datasheet
1Mb / 3P
   Starter Kit for FOUNDATION Fieldbus H1 Infrastructure
2021-01-12
logo
Molex Electronics Ltd.
130299-0100 MOLEX11-130299-0100 Datasheet
596Kb / 2P
   Brad짰 Micro-Change짰 M12 Harsh-Duty Receptacles
logo
PHOENIX CONTACT
2316050 PHOENIX-2316050 Datasheet
57Kb / 3P
   Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
2316052 PHOENIX-2316052 Datasheet
63Kb / 4P
   Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
logo
Belden Inc.
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
SI1344A BELDEN-SI1344A Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com