Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74595-1070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74595-1070
Description  LaneLinkTM Dual Data Rate (DDR) InfiniBand* Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74595-1070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74595-1070 Datasheet HTML 1Page - Molex Electronics Ltd. 74595-1070 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
n
New paddlecard design replaces PCB straddle-
mount connector to provide improved signal
integrity versus standard 4x InfiniBand cable
assemblies (Series 74506) and lower overall
assembly cost
n
Re-designed, die-cast back shell provides overall
EMI protection and reduces EMI emissions on
sides of plug
n
Improved method of cable-braid capture at the
cable-plug exit ensures lower EMI emissions on rear
of plug compared to standard 4x InfiniBand cables
Features and Benefits
LaneLink DDR InfiniBand cable assemblies increase system speeds while improving signal quality
and lowering overall costs
Increased industry requirements for greater system
performance and scalability led to the development
of the Dual Data Rate (DDR) specification by the
InfiniBand technology group. Molex’s DDR assemblies
provide system speeds up to 40 Gbps over 8
differential cable pairs (4x).
Molex’s DDR InfiniBand cable assemblies provide
improved cable signal integrity versus standard 4x
InfiniBand cables (Series 74506). A new paddlecard
offers improved signal integrity over the previous edge
card connector and paddlecard design. In addition,
reduced costs are achieved due
to decreased assembly time. Superior cable assembly
*InfiniBand is a trademark of the InfiniBand Trade Association
LaneLinkTM
Dual Data Rate (DDR)
InfiniBand* Cable Assemblies
74595 4x
quality is achieved through improved manufacturing
methods and by reducing Electro Magnetic Interference
(EMI) emissions.
Molex offers a total DDR solution by providing the DDR
industry-standard interface with 4x connector options.
Recommended 4x PCB receptacles are the LaneLink
latching version, series 91804 or the LaneLink
jackscrew version, series 91803. For additional
information on Molex’s InfiniBand product offerings,
visit: www.molex.com/infiniband.html. For a
complete listing of Molex’s LaneLink products, visit:
www.molex.com/product/io/lanelink.html.
n
Multiple latching versions available: squeeze,
lanyard and jackscrew provides greater flexibility
in system design and cable routing
n
Data rates up to 5 Gbps per pair doubles standard
4x InfiniBand data rates and provides up to 40
Gbps data rate for the total DDR system
Left-to-right: DDR InfiniBand cable assembly (Series 74595),
4x LaneLink receptacle (Series 91804)
4x Lanyard and Squeeze-style latch (Series 74595)
4x Jackscrew style latch - available upon request
12x Squeeze-style latch (Series 111000) - available Q4 2009
Reference Information
Packaging: Bag and Box
Mates With: 91803, 91804
Designed In: Millimeters
Electrical
Voltage: 30V AC per contact
Current: 0.5A per contact
Contact Resistance: 80 ohms
Mechanical - Latching
Mating Force: 55.50N (12.47 lb)
Unmating Force: 49.0N (11.01 lb)
Durability: 250 cycles
Physical
Housing: Zinc die cast
Operating Temperature: -20 to +85°C


Similar Part No. - 74595-1070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74590 ETC1-74590 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
74591 ETC1-74591 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
logo
Fairchild Semiconductor
74594 FAIRCHILD-74594 Datasheet
58Kb / 7P
   8-Bit Shift Register with Output Registers
More results

Similar Description - 74595-1070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1110001005 MOLEX-1110001005 Datasheet
135Kb / 1P
   DDR INFINIBAND 12X CABLE ASSEMBLY
2006/12/20
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com